Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64326-1009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 64326-1009
Description  2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

64326-1009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  64326-1009 Datasheet HTML 1Page - Molex Electronics Ltd. 64326-1009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 01/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
64326-1009
Status:
Active
Overview:
CMC Sealed, Hybrid, Modular Connectors and Headers
Description:
2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
Output, Black Coding with Rear Seal Cover
Documents:
Drawing (PDF)
Application Specification AS-98420-001 (PDF)
Product Specification PS-64326-001 (PDF)
Application Specification AS-98420-001-FR (PDF)
Application Specification AS-64318-002 (PDF)
Application Specification AS-98420-001-SP (PDF)
Application Specification AS-64318-002-FR (PDF)
Packaging Specification PK-98835-001 (PDF)
Application Specification AS-64318-002-SP (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
64326
Application
Power, Wire-to-Board
Application Tooling Part Link
63812-1100
Application Tooling Part Link
63824-1200
Comments
* Current tested on a fully loaded connector, current
for temperature increase of 40°C. Current max = 26.0A
for 2.80mm Terminal (5.0mm² wire), 4.5A for 0.635mm
Terminal (0.75mm² wire)
More Detailed Tech Information
Sealed, high-density, power, modular connecting
system for Power Train and Body Electronics
applications in cars, trucks, busses
Overview
CMC Sealed, Hybrid, Modular Connectors and Headers
Product Name
CMC
UPC
884982167865
Physical
Circuits (maximum)
22
Circuits Detail
2 x 2.80mm terminals high current, 20 x 0.635mm
terminals signal pin
Color - Resin
Blue
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
30.100/g
Number of Rows
4
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface
2.50mm, 4.20mm, 8.40mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
26A, 4.5A
Material Info
Reference - Drawing Numbers
Application Specification
AS-64318-002, AS-64318-002-FR, AS-64318-002-SP,
AS-98420-001, AS-98420-001-FR, AS-98420-001-SP
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
64326Series
Mates With
Please Contact Molex for Details
Use With
64322 CP 0.635mm, 64324 CP 2.80mm,
64325-1010 Blind Plugs CP 0.635mm
64325-1091 Seal Plug CP 2.80mm, Wire
Cap 643191201 64325-1162 64325-1175
64325-1188 64325-1196
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Continuity Test Pen
Assembly
0638121100


Similar Part No. - 64326-1009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64326-1001 MOLEX11-64326-1001 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
64326-1002 MOLEX7-64326-1002 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsLeft Wire Output, Brown Coding with Rear Seal Cove
64326-1002 MOLEX11-64326-1002 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Left Wire
64326-1005 MOLEX7-64326-1005 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsRight Wire Output, Blue Coding with Rear Seal Cover
64326-1005 MOLEX11-64326-1005 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
More results

Similar Description - 64326-1009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64326-1005 MOLEX11-64326-1005 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
64326-1010 MOLEX11-64326-1010 Datasheet
60Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
64326-1001 MOLEX11-64326-1001 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
64326-1006 MOLEX11-64326-1006 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Left Wire
64326-1002 MOLEX11-64326-1002 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Left Wire
0643261006 MOLEX7-0643261006 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 Circuits,Left Wire Output, Blue Coding with Rear Seal Cover
0643261001 MOLEX7-0643261001 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsRight Wire Output, Brown Coding with Rear Seal Cover
0643261002 MOLEX7-0643261002 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsLeft Wire Output, Brown Coding with Rear Seal Cove
0643261009 MOLEX7-0643261009 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsRight Wire Output, Black Coding with Rear Seal Cover
0643261005 MOLEX7-0643261005 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsRight Wire Output, Blue Coding with Rear Seal Cover
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com