Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELKEA470FA Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELKEA470FA
Description  Coil type EMI Filters (Digital Noise Filters)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELKEA470FA Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELKEA470FA Datasheet HTML 1Page - Panasonic Semiconductor ELKEA470FA Datasheet HTML 2Page - Panasonic Semiconductor ELKEA470FA Datasheet HTML 3Page - Panasonic Semiconductor ELKEA470FA Datasheet HTML 4Page - Panasonic Semiconductor ELKEA470FA Datasheet HTML 5Page - Panasonic Semiconductor ELKEA470FA Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Coil type EMI Filters
1
10
100
1000
10000
-60
-50
-40
-30
-20
-10
0
10
Frequency (MHz)
100
220
470
101
221
471
102
222
103
333
LL
C
SG
VV
Month Code : 1 Letter
Inner Capacitance : 3 Letters
(Top View)
(Side View)
Coil type EMI Filters (Digital Noise Filters)
SMD
Type:
ELKE
Typical Specification
● Operating temperature
: –40 to +85 °C
● Rated Voltage
: DC 50 V (Except ELKE333FA : DC25 V)
● Rated Current
: DC 2 A
Standard Parts
note1 : 4th letter (
□) of marking indicates the Month Code.
Part No.
Cut off frequency
(MHz)
Inner Capacitance
(pF typ.)
Rated
Voltage
(V)
Rated
Current
(A)
Indication
min. Packaging unit
(pcs.)
ELKE100FA
250
10
50
2.0
100
2000
ELKE220FA
200
22
220
ELKE470FA
100
47
470
ELKE101FA
50
100
101
ELKE221FA
25
220
221
ELKE471FA
10
470
471
ELKE102FA
5
1000
102
ELKE222FA
2
2200
222
ELKE103FA
0.5/DC
10000
103
ELKE333FA
0.2/DC
33000
25
333
Features
● 3218 case size, 2 A rated current.
● No variation in attenuation characteristics as current
changes.
● The stable P/N marking using laser technology makes
the part number check easier.
● RoHS compliant
Performance characteristics (Reference)
Equivalent circuit, measurement block diagram
Indication Examples
May. 2013
02
37


Similar Part No. - ELKEA470FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELKEA470FA PANASONIC-ELKEA470FA Datasheet
178Kb / 6P
   Coil type EMI Filters
ELKEA470FA PANASONIC-ELKEA470FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELKEA470FA PANASONIC-ELKEA470FA Datasheet
141Kb / 6P
   Coil type EMI Filters
More results

Similar Description - ELKEA470FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELK-E333FA PANASONIC-ELK-E333FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELKEA100FA PANASONIC-ELKEA100FA Datasheet
178Kb / 6P
   Coil type EMI Filters
ELK-E103FA PANASONIC-ELK-E103FA Datasheet
141Kb / 6P
   Coil type EMI Filters
ELK-EA333FA PANASONIC-ELK-EA333FA Datasheet
141Kb / 6P
   Coil type EMI Filters
ELKE PANASONIC-ELKE Datasheet
133Kb / 2P
   Coil type EMI Filters (DNF)
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
logo
NEC
LF-3100SF-1020 NEC-LF-3100SF-1020 Datasheet
3Mb / 51P
   Noise Filters
logo
KOA Speer Electronics, ...
KC1JLTD KOA-KC1JLTD Datasheet
116Kb / 8P
   Noise Filters
logo
Crydom Inc.,
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com