Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ1-00UA00-U5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LZ1-00UA00-U5
Description  High Efficacy VIOLET LED Emitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LZ1-00UA00-U5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LZ1-00UA00-U5 Datasheet HTML 1Page - List of Unclassifed Manufacturers LZ1-00UA00-U5 Datasheet HTML 2Page - List of Unclassifed Manufacturers LZ1-00UA00-U5 Datasheet HTML 3Page - List of Unclassifed Manufacturers LZ1-00UA00-U5 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZ1-00UA00-U5 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZ1-00UA00-U5 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZ1-00UA00-U5 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZ1-00UA00-U5 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZ1-00UA00-U5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LED Engin | 651 River Oaks Parkway | San Jose, CA 95134 USA | ph +1 408 922 7200 | fax +1 408 922 0158 | em sales@ledengin.com | www.ledengin.com
COPYRIGHT © 2013 LED ENGIN. ALL RIGHTS RESERVED.
LZ1-00UA00 (5.4 – 11/18/13)
High Efficacy
VIOLET LED Emitter
LZ1-00UA00
Key Features
High Efficacy 5W VIOLET LED
Ultra-small foot print – 4.4mm x 4.4mm
Surface mount ceramic package with integrated glass lens
Very low Thermal Resistance (4.2°C/W)
Electrically neutral thermal path
Very high Radiant Flux density
Autoclave (121°C, 2 ATM, 100% RH, 168 Hours)
JEDEC Level 1 for Moisture Sensitivity Level
Lead (Pb) free and RoHS compliant
Reflow solderable (up to 6 cycles)
Emitter available on Standard or Miniature MCPCB (optional)
Typical Applications
Dental Curing and Teeth Whitening
Ink and adhesive curing
Sterilization and Medical
DNA Gel
Description
The LZ1-00UA00 VIOLET LED emitter provides superior radiometric power in the wavelength range specifically
required for sterilization, dental curing lights, and numerous medical applications. With a 4.4mm x 4.4mm ultra-
small footprint, this package provides exceptional optical power density. The radiometric power performance and
optimal peak wavelength of this LED are matched to the response curves of dental resins, inks and adhesives,
resulting in a significantly reduced curing time. The patented design has unparalleled thermal and optical
performance. The high quality materials used in the package are chosen to optimize light output, have excellent
VIOLET resistance, and minimize stresses which results in monumental reliability and radiant flux maintenance.
UV RADIATION
Avoid exposure to the beam
Wear protective eyewear


Similar Part No. - LZ1-00UA00-U5

ManufacturerPart #DatasheetDescription
logo
ams AG
LZ1-00UBN0 AMSCO-LZ1-00UBN0 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ1-00UBN0-00U4 AMSCO-LZ1-00UBN0-00U4 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ1-00UBN0-00U5 AMSCO-LZ1-00UBN0-00U5 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ1-00UBN0-00U8 AMSCO-LZ1-00UBN0-00U8 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
More results

Similar Description - LZ1-00UA00-U5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZC-00CW00 ETC2-LZC-00CW00 Datasheet
286Kb / 12P
   High Luminous Efficacy Cool White LED Emitter
logo
Lumileds Lighting Compa...
PB106 LUMILEDS-PB106 Datasheet
1Mb / 2P
   A bright, versatile and high efficacy emitter
DS106 LUMILEDS-DS106 Datasheet
2Mb / 20P
   A bright, versatile and high efficacy emitter
logo
Roithner LaserTechnik G...
SMB1N-420H ROITHNER-SMB1N-420H Datasheet
740Kb / 4P
   violet high power led
SMB1N-405V-02 ROITHNER-SMB1N-405V-02 Datasheet
660Kb / 4P
   violet high power led
SMB1N-435V ROITHNER-SMB1N-435V Datasheet
1Mb / 4P
   Violet High Power LED
SMB1N-880-02 ROITHNER-SMB1N-880-02 Datasheet
781Kb / 4P
   violet high power led
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com