Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ1-00UA00 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LZ1-00UA00
Description  High Efficacy VIOLET LED Emitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LZ1-00UA00 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LZ1-00UA00 Datasheet HTML 1Page - List of Unclassifed Manufacturers LZ1-00UA00 Datasheet HTML 2Page - List of Unclassifed Manufacturers LZ1-00UA00 Datasheet HTML 3Page - List of Unclassifed Manufacturers LZ1-00UA00 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZ1-00UA00 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZ1-00UA00 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZ1-00UA00 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZ1-00UA00 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZ1-00UA00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
LED Engin | 651 River Oaks Parkway | San Jose, CA 95134 USA | ph +1 408 922 7200 | fax +1 408 922 0158 | em sales@ledengin.com | www.ledengin.com
COPYRIGHT © 2013 LED ENGIN. ALL RIGHTS RESERVED.
LZ1-00UA00 (5.4 – 11/18/13)
Bin kit option codes
Full distribution wavelength (385-410nm)
Kit number suffix
Min flux Bin
Color Bin Range
Description
0000
H
U4 - U8
full distribution flux; full distribution wavelength
J000
J
U4 - U8
J minimum flux bin; full distribution wavelength
K000
K
U4 - U8
K minimum flux bin; full distribution wavelength
L000
L
U4 - U8
L minimum flux bin; full distribution wavelength
Two wavelength bins (10nm range)
Kit number suffix
Min flux Bin
Color Bin Range
Description
Wavelength U4 and U5 bin (385 – 395nm)
0U45
H
U4 - U5
full distribution flux; wavelength U4 and U5 bin
JU45
J
U4 – U5
J minimum flux bin; wavelength U4 and U5 bins
KU45
K
U4 – U5
K minimum flux bin; wavelength U4 and U5 bins
LU45
L
U4 – U5
L minimum flux bin; wavelength U4 and U5 bins
Wavelength U5 and U6 bin (390 – 400nm)
0U56
H
U5 - U6
full distribution flux; wavelength U5 and U6 bin
JU56
J
U5 - U6
J minimum flux bin; wavelength U5 and U6 bins
KU56
K
U5 - U6
K minimum flux bin; wavelength U5 and U6 bins
LU56
L
U5 - U6
L minimum flux bin; wavelength U5 and U6 bins
Wavelength U6 and U7 bin (395 – 405nm)
0U67
H
U6 - U7
full distribution flux; wavelength U6 and U7 bin
JU67
J
U6 - U7
J minimum flux bin; wavelength U6 and U7 bins
KU67
K
U6 - U7
K minimum flux bin; wavelength U6 and U7 bins
LU67
L
U6 - U7
L minimum flux bin; wavelength U6 and U7 bins
Wavelength U7 and U8 bin (400 – 410nm)
0U78
H
U7 - U8
full distribution flux; wavelength U7 and U8 bin
JU78
J
U7 - U8
J minimum flux bin; wavelength U7 and U8 bins
KU78
K
U7 - U8
K minimum flux bin; wavelength U7 and U8 bins
LU78
L
U7 - U8
L minimum flux bin; wavelength U7 and U8 bins


Similar Part No. - LZ1-00UA00

ManufacturerPart #DatasheetDescription
logo
ams AG
LZ1-00UBN0 AMSCO-LZ1-00UBN0 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ1-00UBN0-00U4 AMSCO-LZ1-00UBN0-00U4 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ1-00UBN0-00U5 AMSCO-LZ1-00UBN0-00U5 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ1-00UBN0-00U8 AMSCO-LZ1-00UBN0-00U8 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
More results

Similar Description - LZ1-00UA00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZC-00CW00 ETC2-LZC-00CW00 Datasheet
286Kb / 12P
   High Luminous Efficacy Cool White LED Emitter
logo
Lumileds Lighting Compa...
PB106 LUMILEDS-PB106 Datasheet
1Mb / 2P
   A bright, versatile and high efficacy emitter
DS106 LUMILEDS-DS106 Datasheet
2Mb / 20P
   A bright, versatile and high efficacy emitter
logo
Roithner LaserTechnik G...
SMB1N-420H ROITHNER-SMB1N-420H Datasheet
740Kb / 4P
   violet high power led
SMB1N-405V-02 ROITHNER-SMB1N-405V-02 Datasheet
660Kb / 4P
   violet high power led
SMB1N-435V ROITHNER-SMB1N-435V Datasheet
1Mb / 4P
   Violet High Power LED
SMB1N-880-02 ROITHNER-SMB1N-880-02 Datasheet
781Kb / 4P
   violet high power led
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com