Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETHC1A683KA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETHC1A683KA
Description  Long life with high capacitance (30% smaller than HB series)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1A683KA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETHC1A683KA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1A683KA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1A683KA Datasheet HTML 3Page - Panasonic Semiconductor EETHC1A683KA Datasheet HTML 4Page - Panasonic Semiconductor EETHC1A683KA Datasheet HTML 5Page - Panasonic Semiconductor EETHC1A683KA Datasheet HTML 6Page - Panasonic Semiconductor EETHC1A683KA Datasheet HTML 7Page - Panasonic Semiconductor EETHC1A683KA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
12000
22 x 25
2.20
2.53
0.076
0.065
18000
22 x 30
2.40
2.76
0.051
0.043
25 x 25
2.40
2.76
0.051
0.043
22000
22 x 35
2.60
2.99
0.041
0.035
25 x 30
2.60
2.99
0.041
0.035
27000
22 x 40
3.10
3.57
0.034
0.029
25 x 35
3.10
3.57
0.034
0.029
30 x 25
3.10
3.57
0.034
0.029
33000
22 x 45
3.40
3.91
0.028
0.023
25 x 40
3.40
3.91
0.028
0.023
39000
25 x 45
3.70
4.26
0.026
0.022
30 x 30
3.70
4.26
0.026
0.023
35 x 25
3.70
4.26
0.026
0.022
47000
25 x 50
4.20
4.83
0.024
0.021
30 x 35
4.20
4.83
0.024
0.022
35 x 30
4.20
4.83
0.024
0.021
56000
30 x 40
5.00
5.75
0.023
0.021
35 x 35
5.00
5.75
0.023
0.020
68000
30 x 45
5.40
6.21
0.022
0.020
35 x 40
5.40
6.21
0.022
0.019
82000
35 x 45
6.10
7.02
0.021
0.019
100000
35 x 50
6.90
7.94
0.020
0.019
10000
22 x 25
2.60
2.99
0.075
0.063
12000
22 x 30
2.90
3.34
0.062
0.053
25 x 25
2.90
3.34
0.062
0.053
15000
22 x 35
3.20
3.68
0.050
0.042
18000
22 x 40
3.50
4.03
0.041
0.035
25 x 30
3.50
4.03
0.041
0.035
22000
22 x 45
3.80
4.37
0.034
0.029
25 x 35
3.80
4.37
0.034
0.029
30 x 25
3.80
4.37
0.034
0.029
27000
22 x 50
4.20
4.83
0.028
0.023
25 x 40
4.20
4.83
0.028
0.023
30 x 30
4.20
4.83
0.028
0.023
35 x 25
4.20
4.83
0.028
0.023
33000
25 x 45
4.70
5.41
0.023
0.019
30 x 35
4.70
5.41
0.023
0.019
35 x 30
4.70
5.41
0.023
0.020
39000
30 x 40
5.10
5.87
0.022
0.018
35 x 35
5.10
5.87
0.022
0.020
47000
30 x 45
5.50
6.33
0.016
0.014
35 x 40
5.50
6.33
0.021
0.019
56000
30 x 50
6.00
6.90
0.020
0.018
35 x 45
6.00
6.90
0.020
0.018
6800
22 x 25
2.40
2.76
0.085
0.064
8200
22 x 30
2.70
3.11
0.071
0.053
25 x 25
2.70
3.11
0.071
0.053
10000
22 x 35
3.00
3.45
0.058
0.044
12000
22 x 40
3.20
3.68
0.048
0.036
25 x 30
3.20
3.68
0.048
0.036
15000
22 x 45
3.60
4.14
0.039
0.029
25 x 35
3.60
4.14
0.039
0.029
30 x 25
3.60
4.14
0.039
0.029
18000
22 x 50
3.90
4.49
0.032
0.024
25 x 40
3.90
4.49
0.032
0.024
30 x 30
3.90
4.49
0.032
0.024
35 x 25
3.90
4.49
0.032
0.024
22000
25 x 45
4.30
4.95
0.026
0.020
30 x 35
4.30
4.95
0.026
0.020
35 x 30
4.30
4.95
0.026
0.020
27000
30 x 40
4.80
5.52
0.021
0.016
EETHC1E123HA
EETHC1E123JA
EETHC1E153HA
EETHC1E103HA
EETHC1E223LA
EETHC1E273KA
EETHC1E183KA
EETHC1E183LA
EETHC1E223JA
EETHC1E223KA
EETHC1E153JA
EETHC1E153KA
EETHC1E183HA
EETHC1E183JA
EETHC1E682HA
EETHC1C273LA
EETHC1C563KA
EETHC1C473LA
EETHC1C333JA
EETHC1C333KA
EETHC1C333LA
EETHC1E822HA
EETHC1E822JA
EETHC1A393JA
EETHC1A393KA
EETHC1C563LJ
EETHC1C393KJ
EETHC1C393LJ
EETHC1C473KJ
EETHC1C333LJ
EETHC1C273KJ
EETHC1C223KJ
EETHC1C273HJ
EETHC1A273HJ
EETHC1A273JJ
EETHC1A223HA
EETHC1A223JA
EETHC1A223JJ
EETHC1C333JJ
EETHC1A563KJ
16 VDC Working, 20 VDC Surge
EETHC1A393LJ
EETHC1A473JJ
EETHC1A104LA
EETHC1A683LA
EETHC1A273KJ
EETHC1A823LA
EETHC1E103HJ
EETHC1E123HJ
EETHC1A273HA
EETHC1A273JA
EETHC1A393LA
EETHC1A473JA
EETHC1A473KA
EETHC1A273KA
EETHC1A333HA
EETHC1A333JA
EETHC1C183HA
EETHC1C333KJ
EETHC1C563LA
EETHC1C273JA
EETHC1C223JA
EETHC1C223KA
EETHC1C273HA
EETHC1C223HA
EETHC1C273KA
25 VDC Working, 32 VDC Surge
EETHC1C393KA
EETHC1C393LA
EETHC1C473KA
EETHC1C473LJ
EETHC1C563KJ
EETHC1C223JJ
10 VDC Working, 13 VDC Surge
EETHC1A183JA
EETHC1A683KA
EETHC1C183JA
EETHC1C123HA
EETHC1C123JA
EETHC1C153HA
EETHC1A473KJ
EETHC1A473LJ
EETHC1C103HJ
PET without Top Plate
Size (mm)
D x L
Max 105°C R.C. (Arms)
EETHC1A563KA
EETHC1A563LA
EETHC1A473LA
EETHC1A123HA
EETHC1A183HA
PVC with Top Plate
Panasonic Part Number (By Sleeving Style)
20°C ESR ( , max.)
Part numbers shown with 2 pins and 4.0mm length terminals
EETHC1C103HA
EETHC1A683KJ
EETHC1A563LJ
EETHC1A123HJ
EETHC1A183HJ
EETHC1A183JJ
EETHC1A223HJ
EETHC1A333HJ
EETHC1A333JJ
EETHC1A393JJ
EETHC1A393KJ
EETHC1C273JJ
EETHC1C153HJ
EETHC1C183HJ
EETHC1C183JJ
EETHC1C223HJ
EETHC1C273LJ
EETHC1E682HJ
EETHC1E822HJ
EETHC1E822JJ
EETHC1E153JJ
EETHC1C123HJ
EETHC1C123JJ
EETHC1A683LJ
EETHC1A104LJ
EETHC1A823LJ
EETHC1E123JJ
EETHC1E153HJ
EETHC1E153KJ
EETHC1E183HJ
EETHC1E183JJ
EETHC1E183KJ
EETHC1E183LJ
EETHC1E223JJ
EETHC1E223KJ
EETHC1E223LJ
EETHC1E273KJ
32


Similar Part No. - EETHC1A683KA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1A683KA PANASONIC-EETHC1A683KA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EETHC1A683KA PANASONIC-EETHC1A683KA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
More results

Similar Description - EETHC1A683KA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2C222LA PANASONIC-EET-HC2C222LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EET-HC2W151CA PANASONIC-EET-HC2W151CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2W561EA PANASONIC-EET-HC2W561EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G821EA PANASONIC-EET-HC2G821EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2E471CA PANASONIC-EET-HC2E471CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G221DA PANASONIC-EET-HC2G221DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
logo
Panasonic Battery Group
EETHC1A123BA PANASONICBATTERY-EETHC1A123BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series) Can vent construction
logo
Cornell Dubilier Electr...
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
logo
Coilcraft lnc.
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com