Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEU-FR1J181B Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEU-FR1J181B
Description  Aluminum Electrolytic Capacitors/ FR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEU-FR1J181B Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEU-FR1J181B Datasheet HTML 1Page - Panasonic Semiconductor EEU-FR1J181B Datasheet HTML 2Page - Panasonic Semiconductor EEU-FR1J181B Datasheet HTML 3Page - Panasonic Semiconductor EEU-FR1J181B Datasheet HTML 4Page - Panasonic Semiconductor EEU-FR1J181B Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
– EEE-84 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs) (pcs)
6.3
150
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR0J151( )
200
2000
220
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR0J221( )
200
2000
330
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR0J331( )
200
2000
470
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR0J471( )
200
2000
820
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR0J821( )
200
1000
1000
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR0J102( )
200
1000
1200
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR0J122L( )
200
1000
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFR0J122( )
200
500
1500
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR0J152L( )
200
1000
1800
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR0J182( )
200
500
2200
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR0J222( )
200
500
2700
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR0J272L( )
200
500
3300
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR0J332L( )
200
500
3900
12.5
20
2600
0.018
10000
0.6
5.0
5.0
EEUFR0J392( )
200
500
4700
12.5
25
3190
0.015
10000
0.6
5.0
5.0
EEUFR0J472( )
200
500
5600
12.5
30
3630
0.013
10000
0.8
5.0
EEUFR0J562L
100
6800
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR0J682L
100
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFR0J682S( )
100
250
8200
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFR0J822( )
100
250
10
100
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1A101( )
200
2000
150
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1A151( )
200
2000
220
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1A221( )
200
2000
270
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1A271( )
200
2000
470
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1A471( )
200
1000
680
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1A681( )
200
1000
820
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFR1A821( )
200
500
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR1A102( )
200
500
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1A102L( )
200
1000
1500
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1A152L( )
200
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR1A152( )
200
500
1800
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR1A182( )
200
500
2200
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR1A222L( )
200
500
3300
12.5
20
2600
0.018
10000
0.6
5.0
5.0
EEUFR1A332( )
200
500
3900
12.5
25
3190
0.015
10000
0.6
5.0
5.0
EEUFR1A392( )
200
500
4700
12.5
30
3630
0.013
10000
0.8
5.0
EEUFR1A472L
100
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFR1A472S( )
100
250
5600
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR1A562L
100
6800
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR1A682L
100
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFR1A682( )
100
250
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
04 May. 2013


Similar Part No. - EEU-FR1J181B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FR1J101B PANASONIC-EEU-FR1J101B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J121LB PANASONIC-EEU-FR1J121LB Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J151LB PANASONIC-EEU-FR1J151LB Datasheet
149Kb / 6P
   Aluminum Electrolytic Capacitors/ FR
More results

Similar Description - EEU-FR1J181B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FR1C101B PANASONIC-EEU-FR1C101B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Battery Group
EEU-FR1V821L PANASONICBATTERY-EEU-FR1V821L Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Semiconductor
EEU-FR1E151 PANASONIC-EEU-FR1E151 Datasheet
129Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1V152S PANASONIC-EEU-FR1V152S Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1E821B PANASONIC-EEU-FR1E821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR0J821B PANASONIC-EEU-FR0J821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C152 PANASONIC-EEU-FR1C152 Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J271UB PANASONIC-EEU-FR1J271UB Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C471 PANASONIC-EEU-FR1C471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1V271B PANASONIC-EEUFR1V271B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com