Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C170KSKT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # C170KSKT
Description  Ultra Bright AlInGaP Chip LED Lamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

C170KSKT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  C170KSKT Datasheet HTML 1Page - Lite-On Technology Corporation C170KSKT Datasheet HTML 2Page - Lite-On Technology Corporation C170KSKT Datasheet HTML 3Page - Lite-On Technology Corporation C170KSKT Datasheet HTML 4Page - Lite-On Technology Corporation C170KSKT Datasheet HTML 5Page - Lite-On Technology Corporation C170KSKT Datasheet HTML 6Page - Lite-On Technology Corporation C170KSKT Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-68
Ultra Bright AlInGaP Chip LED Lamp
LTST- C150/170/190KAKT
Red Orange
LTST- C150/170/190KFKT
Yellow Orange
LTST- C150/170/190KRKT
Super Red
LTST- C150/170/190KSKT
Yellow
LTST- C150/170/190KYKT
Amber Yellow
Features
High brightness AlInGaP material
Package in 8mm tape on 7" diameter reels.
Compatible with automatic placement equipment.
Compatible with infrared and vapor phase reflow and wave solder process.
EIA STD package.
Description
The Red Orange source color devices are made with Aluminum Indium Gallium Phosphide on Red Orange Light
Emitting Diode.
The Yellow Orange source color devices are made with Aluminum Indium Gallium Phosphide on Yellow Orange Light
Emitting Diode.
The Super Red source color devices are made with Aluminum Indium Gallium Phosphide on Super Red Light Emitting
Diode.
The Yellow source color devices are made with Aluminum Indium Gallium Phosphide on Yellow Light Emitting Diode.
The Amber Yellow source color devices are made with Aluminum Indium Gallium Phosphide on Amber Yellow Light
Emitting Diode.
Devices
Part No.
LTST-
Lens
Source Color
AllnGaP Red Orange
AllnGaP Yellow Orange
AllnGaP Super Red
AllnGaP Yellow
AllnGaP Amber Yellow
C150KAKT
C170KAKT
C190KAKT
C150KFKT
C170KFKT
C190KFKT
C150KRKT
C170KRKT
C190KRKT
C150KSKT
C170KSKT
C190KSKT
C150KYKT
C170KYKT
C190KYKT
Water Clear
Water Clear
Water Clear
Water Clear
Water Clear


Similar Part No. - C170KSKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
C170KSKT TO-GRACE-C170KSKT Datasheet
924Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - C170KSKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C171KGKT LITEON-LTST-C171KGKT Datasheet
396Kb / 6P
   Ultra bright AlInGaP Chip LED
LTSN-C190QF LITEON-LTSN-C190QF Datasheet
653Kb / 10P
   ULTRA BRIGHT AlINGaP CHIP LED
LTST-C150KSKT LITEON-LTST-C150KSKT Datasheet
623Kb / 11P
   Ultra bright AlInGaP Chip LED
LTST-C150KGKT LITEON-LTST-C150KGKT Datasheet
630Kb / 11P
   Ultra bright AlInGaP Chip LED
LTST-C170KRKT LITEON-LTST-C170KRKT Datasheet
294Kb / 7P
   Ultra bright AlInGap Chip LED
LTSN-B28JBGEW LITEON-LTSN-B28JBGEW Datasheet
436Kb / 20P
   ROHS/ Ultra Bright InGaN / AlInGaP Chip LED
LTSN-B28JEGBB LITEON-LTSN-B28JEGBB Datasheet
610Kb / 13P
   ROHS/ Ultra Bright InGaN / AlInGaP Chip LED
LTST-S327KGKFKT LITEON-LTST-S327KGKFKT Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP/AlInGaP Chip LED
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com