Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE682-Z Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # XE682-Z
Description  NOISE SUPPRESSION CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

XE682-Z Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  XE682-Z Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
Rated Voltage
275Vac (UL, CSA: 250Vac)
Features
Applications
Electrical Specifications
Operating Temperature:-40~+100°C
*Rated voltage of Y2 is 250Vac.
● Dimensions
● Circuit
● Best performance series in most popular
configurations.
● Dielectric withstand voltage twice safety agency
requirement.
● High dv/dt, surge resistance and I/R ratings.
● IEC/EN 60384-14: 2005 class X1.
● Designed mainly for suppressing noise occurring
in power line of electrical appliances.
UL
cUL
CSA
VDE
SEMKO
NEMKO
DEMKO
FIMKO
Electrosuisse
ÖVE
IMQ
:UL60384-14
:CSA E60384-14
:CSA E60384-14
:IEC/EN 60384-14
:IEC/EN 60384-14
:IEC/EN 60384-14
:IEC/EN 60384-14
:IEC/EN 60384-14
:IEC/EN 60384-14
:IEC/EN 60384-14
:IEC/EN 60384-14
E47474
E47474
LR37404, LR104926
40021020
1021983
P10213515
315532-01
FI 26476
12.0477
20938-003-03
V4048
V4047
102~682
102~105
Safety Standard
File No.
Safety
Standard
Class
Model
Number
Capacitance
μF±20%
Dimensions
WH
T
F
d
Dissipation
Factor
Insulation
Resistance
Test Voltage
12.5
XE102-Z
XE152-Z
XE222-Z
XE332-Z
XE472-Z
XE682-Z
XE103-Z
XE153-Z
XE223-Z
XE333-Z
XE473-Z
XE683-Z
XE104-Z
XE154-Z
XE224-Z
XE334-Z
XE474-Z
XE684-Z
XE105-Z
0.001
0.0015
0.0022
0.0033
0.0047
0.0068
0.01
0.015
0.022
0.033
0.047
0.068
0.1
0.15
0.22
0.33
0.47
0.68
1.0
25.0
30.5
36.0
30.0
12.0
12.5
13.5
15.0
16.0
17.5
19.5
22.0
24.5
28.0
30.5
5.5
0.8
5.0
0.6
5.5
6.5
8.0
6.5
8.0
10.0
11.0
13.5
16.5
20.0
22.5
0.8
27.5
32.5
1.0
17.0
15.0
Unit: mm
● Model numbering system
XE
Z
Series name Capacitance
X1
X1
and
Y2*
0.01max.
(at 1kHz)
Line to
Case
2,000Vac
50/60Hz
60sec
Line to
Case
100,000MΩmin.
(at 500Vdc)
Line to Line
15,000MΩmin.
(at 500Vdc)
Line to Line
5,000Ω•Fmin.
(at 500Vdc)
Line to Line
2,000Vac
50/60Hz
60sec
Line to Line
1,250Vac
50/60Hz
60sec
F±1.0
φ d±0.05
W±0.5
Supported
mark
XE-Z SERIES
NOISE SUPPRESSION CAPACITOR


Similar Part No. - XE682-Z

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE682-Z OKAYA-XE682-Z Datasheet
446Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results

Similar Description - XE682-Z

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
REB473 OKAYA-REB473 Datasheet
307Kb / 1P
   NOISE SUPPRESSION CAPACITOR
LE103 OKAYA-LE103 Datasheet
334Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XE102-Z OKAYA-XE102-Z Datasheet
446Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PAB103 OKAYA-PAB103 Datasheet
272Kb / 1P
   NOISE SUPPRESSION CAPACITOR
YE102 OKAYA-YE102 Datasheet
322Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XYE-473472AN OKAYA-XYE-473472AN Datasheet
501Kb / 2P
   NOISE SUPPRESSION CAPACITOR
XYES-224332-BM OKAYA-XYES-224332-BM Datasheet
346Kb / 1P
   NOISE SUPPRESSION CAPACITOR
3XYG1003 OKAYA-3XYG1003 Datasheet
73Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA103-L OKAYA-PA103-L_14 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XYE-473472AN OKAYA-XYE-473472AN_14 Datasheet
93Kb / 2P
   NOISE SUPPRESSION CAPACITOR
XEB102 OKAYA-XEB102 Datasheet
411Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com