Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XYE-473472AN Datasheet(PDF) 2 Page - Okaya Electric America, Inc.

Part # XYE-473472AN
Description  NOISE SUPPRESSION CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

XYE-473472AN Datasheet(HTML) 2 Page - Okaya Electric America, Inc.

  XYE-473472AN_14 Datasheet HTML 1Page - Okaya Electric America, Inc. XYE-473472AN_14 Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
Rated Voltage
250Vac
Electrical Specifications
Operating temperature: -40~85°C
● Circuit
Safety
Standard
Class
Model
Number
Capacitance
Dimensions
WH
T
F2
F3
Dissipation
Factor
XYE-473472AN
XYE-104102AN
XYE-104222AN
XYE-104332AN
XYE-104472AN
XYE-224102AN
XYE-224222AN
XYE-224332AN
XYE-224472AN
XYE-334222AN
XYE-334332AN
XYE-334472AN
XYE-474222AN
XYE-474332AN
XYE-474472AN
XYE-104102BN
XYE-104222BN
XYE-104332BN
XYE-104472BN
XYE-224102BN
XYE-224222BN
XYE-224332BN
XYE-224472BN
XYE-334222BN
XYE-334332BN
XYE-334472BN
XYE-474222BN
XYE-474332BN
XYE-474472BN
XYE-104102BE
XYE-104222BE
XYE-104332BE
XYE-104472BE
XYE-224102BE
XYE-224222BE
XYE-224332BE
XYE-224472BE
XYE-334222BE
XYE-334332BE
XYE-334472BE
XYE-474222BE
XYE-474332BE
XYE-474472BE
4,700
1,000
2,200
3,300
4,700
1,000
2,200
3,300
4,700
2,200
3,300
4,700
2,200
3,300
4,700
1,000
2,200
3,300
4,700
1,000
2,200
3,300
4,700
2,200
3,300
4,700
2,200
3,300
4,700
1,000
2,200
3,300
4,700
1,000
2,200
3,300
4,700
2,200
3,300
4,700
2,200
3,300
4,700
0.047
0.1
0.22
0.33
0.47
0.1
0.22
0.33
0.47
0.1
0.22
0.33
0.47
Cy(pF±20%)
Cx(μF±20%)
30.0
26.0
31.0
26.0
31.0
25.0
1.5
F1
11.5
7.1
26.0
20.0
23.0
27.5
20.0
23.0
27.5
20.0
22.5
18.5
19.0 13.5 1.8
9.7
12.5
15.0
18.5
---
12.5
15.0
18.5
12.0
14.5
8.6
10.5
6.1
● Model numbering system
XY E
Series name
AN
BN
BE
Capacitance
(line to line)
Capacitance
(line to ground)
Lead type
Bare wire
Flex PVC wire
Flex PVC wire & metal terminal
Cx: Line to Line (X capacitor)
Cy: Line to Ground (Y capacitor)
Cx
Cy
Cy
X2
.
Y2
Test Voltage
Insulation
Resistance
Line to Line
Cx ≤0.33μF
15,000MΩmin.
Cx =0.47μF
5,000Ω•Fmin.
Line to Ground
30,000MΩmin.
Terminal to Case
100,000MΩmin.
(at 500Vdc)
0.01max
at 1k
±100Hz
Line to Line
1,250Vac
50/60Hz
60sec
Line to Ground
2,000Vac
50/60Hz
60sec
Terminal to Case
2,000Vac
50/60Hz
60sec
XYE SERIES
NOISE SUPPRESSION CAPACITOR


Similar Part No. - XYE-473472AN_14

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XYE-473472AN OKAYA-XYE-473472AN Datasheet
501Kb / 2P
   NOISE SUPPRESSION CAPACITOR
More results

Similar Description - XYE-473472AN_14

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
REB473 OKAYA-REB473 Datasheet
307Kb / 1P
   NOISE SUPPRESSION CAPACITOR
LE103 OKAYA-LE103 Datasheet
334Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XE102-Z OKAYA-XE102-Z Datasheet
446Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PAB103 OKAYA-PAB103 Datasheet
272Kb / 1P
   NOISE SUPPRESSION CAPACITOR
YE102 OKAYA-YE102 Datasheet
322Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XYE-473472AN OKAYA-XYE-473472AN Datasheet
501Kb / 2P
   NOISE SUPPRESSION CAPACITOR
XYES-224332-BM OKAYA-XYES-224332-BM Datasheet
346Kb / 1P
   NOISE SUPPRESSION CAPACITOR
3XYG1003 OKAYA-3XYG1003 Datasheet
73Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA103-L OKAYA-PA103-L_14 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XEB102 OKAYA-XEB102 Datasheet
411Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com