Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84-A16 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZX84-A16
Description  Voltage regulator diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84-A16 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZX84-A16 Datasheet HTML 1Page - NXP Semiconductors BZX84-A16 Datasheet HTML 2Page - NXP Semiconductors BZX84-A16 Datasheet HTML 3Page - NXP Semiconductors BZX84-A16 Datasheet HTML 4Page - NXP Semiconductors BZX84-A16 Datasheet HTML 5Page - NXP Semiconductors BZX84-A16 Datasheet HTML 6Page - NXP Semiconductors BZX84-A16 Datasheet HTML 7Page - NXP Semiconductors BZX84-A16 Datasheet HTML 8Page - NXP Semiconductors BZX84-A16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BZX84_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 6 March 2014
4 of 16
NXP Semiconductors
BZX84 series
Voltage regulator diodes
5.
Limiting values
[1]
tp =100 s; square wave; Tj =25 C before surge
[2]
Device mounted on a FR4 PCB, single-sided copper, tin-plated and standard footprint.
6.
Thermal characteristics
[1]
Device mounted on a FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Soldering point of cathode tab.
7.
Characteristics
[1]
Pulse test: tp  100 s;   0.02
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
200
mA
PZSM
non-repetitive peak
reverse power dissipation
[1] -40
W
Ptot
total power dissipation
Tamb  25 C
[2] -250
mW
Tamb
ambient temperature
-
150
C
Tstg
storage temperature
55
+150
C
Tj
junction temperature
65
+150
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[2] -
-
330
K/W
Table 7.
Characteristics
Tj =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =10mA
[1] --0.9
V


Similar Part No. - BZX84-A16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84-A16 PHILIPS-BZX84-A16 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
BZX84-A16 NXP-BZX84-A16 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-A16 NXP-BZX84-A16 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-A16 PHILIPS-BZX84-A16 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
logo
Nexperia B.V. All right...
BZX84-A16 NEXPERIA-BZX84-A16 Datasheet
324Kb / 14P
   Voltage regulator diodes
Rev. 7 - 1 January 2023
More results

Similar Description - BZX84-A16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com