Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EECF5R5U105 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EECF5R5U105
Description  Electric Double Layer Capacitors (Gold Capacitor)/ NF
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EECF5R5U105 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EECF5R5U105 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Electric Double Layer Capacitors (Gold Capacitor)/ NF
– EEC-7 –
Sleeve
L max.
6±1
1.2±0.1
0.8±0.1
+
01.1±0.05
(Recommended)
Features
● Endurance : 70 °C 1000 h
● RoHS directive compliant
Stacked Coin Type
Series:
NF
Specifications
Category Temp. Range
–25 °C to +70 °C
Maximum Operating Voltage
5.5 V.DC
Nominal Cap.Range
0.22 F to 1.5 F
Characteristics at Low
Temperature
Capacitance change ±30 % of initial measured value at +20 °C (at –25 °C)
Internal resistance
<5 times of initial measured value at +20 °C (at –25 °C)
Endurance
After 1000 hours application of 5.5 V. DC at +70 °C, the capacitor shall meet the following limits.
Capacitance change ±30 % of initial measured value
Internal resistance
<4 times of initial specified value
Shelf Life
After 1000 hours storage at +70°C without load, the capacitor shall meet the specified
limits for Endurance.
Dimensions in mm(not to scale)
Recommended Applications
● Memory back-up for video and audio equipment,
cameras, telephones, printers, data terminals,
rice cookers and intelligent remote controls.
Maximum
Operating
Voltage
Capacitance
Capacitance
tolerance
Internal
resistance
(Initial specified
value)
Case code
Part number
Min. Packaging Q’ty
Quantity
per box
Quantity
per outer
packaging
(V.DC)
(F)
(F)
(
Ω) at 1kHz
(pcs)
(pcs)
5.5
0.10
0.08
to 0.18
< 75
A
EECF5R5U104
200
2000
0.22
0.176
to 0.396
< 75
A
EECF5R5U224
200
2000
0.47
0.376
to 1.410
< 30
B
EECF5R5U474
100
500
1.0
0.80
to 1.80
< 30
B
EECF5R5U105
100
500
1.5
1.20
to 2.70
< 30
B
EECF5R5U155
100
500
Note : Do not use reflow soldering. (IR, Atmosphere heating methods, etc.)
Please refer to the page of “Application Guidelines”.
Case code
Size
DL
A
13.5
7.5
B
21.5
8.0
(Unit : mm)
Standard Products ✽ : Last purchasing order : Received by the end of Sep. of 2014 / Last shipment : The end of Mar. of 2015
Please consider more than 0.22 F.
01 Nov. 2013


Similar Part No. - EECF5R5U105

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECF5R5U105 PANASONIC-EECF5R5U105 Datasheet
45Kb / 1P
   Electric Double Layer Capacitors/NF
EECF5R5U105 PANASONIC-EECF5R5U105 Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U105 PANASONIC-EECF5R5U105 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U105 PANASONIC-EECF5R5U105 Datasheet
45Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U105 PANASONIC-EECF5R5U105 Datasheet
45Kb / 1P
   Stacked Coin Type
More results

Similar Description - EECF5R5U105

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEC-F5R5U334 PANASONIC-EEC-F5R5U334 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U104 PANASONIC-EECF5R5U104_08 Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U155C PANASONIC-EECF5R5U155C Datasheet
45Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ NF
EECF5R5U PANASONIC-EECF5R5U Datasheet
45Kb / 1P
   Electric Double Layer Capacitors/NF
EECF5R5H104N PANASONIC-EECF5R5H104N Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224HN PANASONIC-EECRG0V224HN Datasheet
216Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
ABC0000CE19 PANASONIC-ABC0000CE19 Datasheet
58Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224H PANASONIC-EECRG0V224H Datasheet
216Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS0HD224H PANASONIC-EECS0HD224H Datasheet
213Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECF5R5U224N PANASONIC-EECF5R5U224N Datasheet
42Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com