Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BZX84
Description  Voltage regulator diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BZX84 Datasheet HTML 7Page - NXP Semiconductors BZX84 Datasheet HTML 8Page - NXP Semiconductors BZX84 Datasheet HTML 9Page - NXP Semiconductors BZX84 Datasheet HTML 10Page - NXP Semiconductors BZX84 Datasheet HTML 11Page - NXP Semiconductors BZX84 Datasheet HTML 12Page - NXP Semiconductors BZX84 Datasheet HTML 13Page - NXP Semiconductors BZX84 Datasheet HTML 14Page - NXP Semiconductors BZX84 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BZX84_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 6 March 2014
11 of 16
NXP Semiconductors
BZX84 series
Voltage regulator diodes
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
The series includes 37 breakdown voltages with nominal working voltages from 2.4 V to 75 V and
1 %,
2 % and 5 % tolerances.
Fig 8.
Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 10.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BZX84 series[2]
SOT23
(TO-236AB)
4 mm pitch, 8 mm tape and reel
-215
-235


Similar Part No. - BZX84

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84 PHILIPS-BZX84 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Zetex Semiconductors
BZX84 ZETEX-BZX84 Datasheet
36Kb / 3P
   SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
DAESAN ELECTRONIC CORP.
BZX84 DAESAN-BZX84 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
NXP Semiconductors
BZX84 NXP-BZX84 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results

Similar Description - BZX84

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com