Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C4V3 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BZX84C4V3
Description  350mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C4V3 Datasheet(HTML) 2 Page - Diodes Incorporated

  BZX84C4V3 Datasheet HTML 1Page - Diodes Incorporated BZX84C4V3 Datasheet HTML 2Page - Diodes Incorporated BZX84C4V3 Datasheet HTML 3Page - Diodes Incorporated BZX84C4V3 Datasheet HTML 4Page - Diodes Incorporated BZX84C4V3 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BZX84C2V4 - BZX84C51
Document number: DS18001 Rev. 32 - 2
2 of 5
www.diodes.com
February 2014
© Diodes Incorporated
BZX84C2V4 - BZX84C51
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
300
mW
Power Dissipation (Note 7)
PD
350
mW
Thermal Resistance, Junction to Ambient Air (Note 6)
RθJA
417
°C/W
Thermal Resistance, Junction to Ambient Air (Note 7)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Type
Number
Marking
Code
Zener Voltage
Range
(Note 8)
Maximum Zener
Impedance
f = 1KHz
Maximum Reverse
Current
(Note 8)
Temperature
Coefficient
@ IZT mV/°C
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IR
VR
Min
Max
Nom (V)
Min (V)
Max (V)
(mA)
(
Ω)
(
Ω)
(mA)
(µA)
(V)
BZX84C2V4
ZB
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7
ZC
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0
ZD
3.0
2.8
3.2
5.0
95
600
1.0
10
1.0
-3.5
0
BZX84C3V3
ZE
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6
ZF
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9
ZG
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3
ZH
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V7
Z1
4.7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1
Z2
5.1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6
Z3
5.6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
-2.0
2.5
BZX84C6V2
Z4
6.2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
0.4
3.7
BZX84C6V8
Z5
6.8
6.4
7.2
5.0
15
80
1.0
2.0
4.0
1.2
4.5
BZX84C7V5
Z6
7.5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2
Z7
8.2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.2
BZX84C9V1
Z8
9.1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
3.8
7.0
BZX84C10
Z9
10
9.4
10.6
5.0
20
150
1.0
0.2
7.0
4.5
8.0
BZX84C11
Y1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12
Y2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13
Y3
13
12.4
14.1
5.0
30
170
1.0
0.1
8.0
7.0
11.0
BZX84C15
Y4
15
13.8
15.6
5.0
30
200
1.0
0.1
10.5
9.2
13.0
BZX84C16
Y5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18
Y6
18
16.8
19.1
5.0
45
225
1.0
0.1
12.6
12.4
16.0
BZX84C20
Y7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22
Y8
22
20.8
23.3
5.0
55
250
1.0
0.1
15.4
16.4
-
BZX84C24
Y9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
-
BZX84C27
YA
27
25.1
28.9
2.0
80
300
0.5
0.1
18.9
21.4
-
BZX84C30
YB
30
28.0
32.0
2.0
80
300
0.5
0.1
21.0
24.4
-
BZX84C33
YC
33
31.0
35.0
2.0
80
325
0.5
0.1
23.1
27.4
-
BZX84C36
YD
36
34.0
38.0
2.0
90
350
0.5
0.1
25.2
30.4
-
BZX84C39
YE
39
37.0
41.0
2.0
130
350
0.5
0.1
27.3
33.4
-
BZX84C43
YF
43
40.0
46.0
2.0
150
375
0.5
0.1
30.1
37.6
-
BZX84C47
YG
47
44.0
50.0
2.0
170
375
0.5
0.1
32.9
42.0
-
BZX84C51
YH
51
48.0
54.0
2.0
180
400
0.5
0.1
35.7
46.6
-
Notes:
6. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
7. Valid provided the terminals are kept at ambient temperature.
8. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - BZX84C4V3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C4V3 CENTRAL-BZX84C4V3 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
logo
Vishay Siliconix
BZX84C4V3 VISHAY-BZX84C4V3 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Diode Semiconductor Kor...
BZX84C4V3 DSK-BZX84C4V3 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
logo
Yea Shin Technology Co....
BZX84C4V3 YEASHIN-BZX84C4V3 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Central Semiconductor C...
BZX84C4V3 CENTRAL-BZX84C4V3 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84C4V3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com