Electronic Components Datasheet Search |
|
BU4943FVE-TR Datasheet(PDF) 5 Page - Rohm |
|
BU4943FVE-TR Datasheet(HTML) 5 Page - Rohm |
5 / 16 page Datasheet 5/13 BU48xx series BU49xx series TSZ02201-0R7R0G300060-1-2 © 2014 ROHM Co., Ltd. All rights reserved. 03.Feb.2014 Rev.010 www.rohm.com TSZ22111・15・001 ●Absolute Maximum Ratings Parameter Symbol Limits Unit Power Supply Voltage VDD -0.3 to +7 V Output Voltage Nch Open Drain Output VOUT GND-0.3 to +7 V CMOS Output GND-0.3 to VDD+0.3 Output Current Io 70 mA Power Dissipation SSOP5 *1*4 Pd 540 mW SOP4 *2*4 400 VSOF5 *3*4 210 Operation Temperature Range Topt -40 to +125 °C Ambient Storage Temperature Tstg -55 to +125 ℃ *1 When used at temperatures higher than Ta=25℃, the power is reduced by 5.4mW per 1℃ above 25℃. *2 When used at temperatures higher than Ta=25℃, the power is reduced by 4.0mW per 1℃ above 25℃. *3 When used at temperatures higher than Ta=25℃, the power is reduced by 2.1mW per 1℃ above 25℃. *4 When a ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board)is mounted. ●Electrical Characteristics Parameter Symbol Condition Limits Unit Min. Typ. Max. Detection Voltage VDET VDD=H L , Ta=25℃,RL=470k VDET(T) ×0.99 VDET(T) VDET(T) ×1.01 V VDET=1.8V Ta=+25°C 1.782 1.8 1.818 Ta=-40°C to 85°C 1.741 - 1.860 Ta=85°C to 125°C 1.718 - 1.883 VDET=2.5V Ta=+25°C 2.475 2.5 2.525 Ta=-40°C to 85°C 2.418 - 2.584 Ta=85°C to 125°C 2.386 - 2.615 VDET=3.0V Ta=+25°C 2.970 3.0 3.030 Ta=-40°C to 85°C 2.901 - 3.100 Ta=85°C to 125°C 2.864 - 3.139 VDET=3.3V Ta=+25°C 3.267 3.3 3.333 Ta=-40°C to 85°C 3.191 - 3.410 Ta=85°C to 125°C 3.150 - 3.452 VDET=4.2V Ta=+25°C 4.158 4.2 4.242 Ta=-40°C to 85°C 4.061 - 4.341 Ta=85°C to 125°C 4.009 - 4.394 Detection Voltage Temperature Coefficient VDET/∆T Ta=-40℃ to 125℃ *1 - ±30 - ppm/℃ Hysteresis Voltage ∆VDET VDD=L H L Ta=-40℃ to 125℃ RL=470k VDET≤1.0V VDET ×0.03 VDET ×0.05 VDET ×0.08 V VDET≥1.1V VDET ×0.03 VDET ×0.05 VDET ×0.07 *1 Guaranteed by design.(Outgoing inspection is not done on all products.) VDET(T) : Standard Detection Voltage (0.9V to 4.8V, 0.1V step) RL: Pull-up resistor to be connected between VOUT and power supply. |
Similar Part No. - BU4943FVE-TR |
|
Similar Description - BU4943FVE-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |