Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C2V7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BZX84C2V7
Description  350mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C2V7 Datasheet(HTML) 4 Page - Diodes Incorporated

  BZX84C2V7 Datasheet HTML 1Page - Diodes Incorporated BZX84C2V7 Datasheet HTML 2Page - Diodes Incorporated BZX84C2V7 Datasheet HTML 3Page - Diodes Incorporated BZX84C2V7 Datasheet HTML 4Page - Diodes Incorporated BZX84C2V7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BZX84C2V4 - BZX84C51
Document number: DS18001 Rev. 32 - 2
4 of 5
www.diodes.com
February 2014
© Diodes Incorporated
BZX84C2V4 - BZX84C51
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for latest version.
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
-
All Dimensions in mm
Dimensions Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
X
E
Y
C
Z
A
M
J
L
D
F
B C
H
K
G
K1


Similar Part No. - BZX84C2V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C2V7 VISHAY-BZX84C2V7 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
GUANGDONG HOTTECH INDUS...
BZX84C2V7 HOTTECH-BZX84C2V7 Datasheet
289Kb / 3P
   ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
BZX84C2V7 HTSEMI-BZX84C2V7 Datasheet
712Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Weitron Technology
BZX84C2V7 WEITRON-BZX84C2V7 Datasheet
255Kb / 5P
   Surface Mount Zener Diodes
logo
First Silicon Co., Ltd
BZX84C2V7 FS-BZX84C2V7 Datasheet
539Kb / 4P
   ZENER DIODE Planar Die Construction
More results

Similar Description - BZX84C2V7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com