Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT55C5V1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZT55C5V1
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT55C5V1 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZT55C5V1 Datasheet HTML 1Page - Vishay Siliconix BZT55C5V1 Datasheet HTML 2Page - Vishay Siliconix BZT55C5V1 Datasheet HTML 3Page - Vishay Siliconix BZT55C5V1 Datasheet HTML 4Page - Vishay Siliconix BZT55C5V1 Datasheet HTML 5Page - Vishay Siliconix BZT55C5V1 Datasheet HTML 6Page - Vishay Siliconix BZT55C5V1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BZT55-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 22-Nov-11
2
Document Number: 85637
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Additional measurement of voltage group 9V1 to 75 at 95 % Vzmin.  35 nA at Tj 25 °C
(1) tp  10 ms, T/tp > 1000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1 ZZK at IZT2
TKVZ
Tamb =
25 °C
Tamb =
150 °C
f = 1 kHz
V
mA
μA
V
%/K
MIN.
NOM.
MAX.
MAX.
MAX.
MIN.
MAX.
BZT55C2V4
2.28
2.4
2.56
5
1
< 50
< 100
1
< 85
< 600
- 0.09
- 0.06
BZT55C2V7
2.5
2.7
2.9
5
1
< 10
< 50
1
< 85
< 600
- 0.09
- 0.06
BZT55C3V0
2.8
3.0
3.2
5
1
< 4
< 40
1
< 90
< 600
- 0.08
- 0.05
BZT55C3V3
3.1
3.3
3.5
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZT55C3V6
3.4
3.6
3.8
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZT55C3V9
3.7
3.9
4.1
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZT55C4V3
4
4.3
4.6
5
1
< 1
< 20
1
< 90
< 600
- 0.06
- 0.03
BZT55C4V7
4.4
4.7
5
5
1
< 0.5
< 10
1
< 80
< 600
- 0.05
0.02
BZT55C5V1
4.8
5.1
5.4
5
1
< 0.1
< 2
1
< 60
< 550
- 0.02
0.02
BZT55C5V6
5.2
5.6
6
5
1
< 0.1
< 2
1
< 40
< 450
- 0.05
0.05
BZT55C6V2
5.8
6.2
6.6
5
1
< 0.1
< 2
2
< 10
< 200
0.03
0.06
BZT55C6V8
6.4
6.8
7.2
5
1
< 0.1
< 2
3
< 8
< 150
0.03
0.07
BZT55C7V5
7
7.5
7.9
5
1
< 0.1
< 2
5
< 7
< 50
0.03
0.07
BZT55C8V2
7.7
8.2
8.7
5
1
< 0.1
< 2
6.2
< 7
< 50
0.03
0.08
BZT55C9V1
8.5
9.1
9.6
5
1
< 0.1
< 2
6.8
< 10
< 50
0.03
0.09
BZT55C10
9.4
10
10.6
5
1
< 0.1
< 2
7.5
< 15
< 70
0.03
0.1
BZT55C11
10.4
11
11.6
5
1
< 0.1
< 2
8.2
< 20
< 70
0.03
0.11
BZT55C12
11.4
12
12.7
5
1
< 0.1
< 2
9.1
< 20
< 90
0.03
0.11
BZT55C13
12.4
13
14.1
5
1
< 0.1
< 2
10
< 26
< 110
0.03
0.11
BZT55C15
13.8
15
15.6
5
1
< 0.1
< 2
11
< 30
< 110
0.03
0.11
BZT55C16
15.3
16
17.1
5
1
< 0.1
< 2
12
< 40
< 170
0.03
0.11
BZT55C18
16.8
18
19.1
5
1
< 0.1
< 2
13
< 50
< 170
0.03
0.11
BZT55C20
18.8
20
21.2
5
1
< 0.1
< 2
15
< 55
< 220
0.03
0.11
BZT55C22
20.8
22
23.3
5
1
< 0.1
< 2
16
< 55
< 220
0.04
0.12
BZT55C24
22.8
24
25.6
5
1
< 0.1
< 2
18
< 80
< 220
0.04
0.12
BZT55C27
25.1
27
28.9
5
1
< 0.1
< 2
20
< 80
< 220
0.04
0.12
BZT55C30
28
30
32
5
1
< 0.1
< 2
22
< 80
< 220
0.04
0.12
BZT55C33
31
33
35
5
1
< 0.1
< 2
24
< 80
< 220
0.04
0.12
BZT55C36
34
36
38
5
1
< 0.1
< 2
27
< 80
< 220
0.04
0.12
BZT55C39
37
39
41
2.5
0.5
< 0.1
< 5
30
< 90
< 500
0.04
0.12
BZT55C43
40
43
46
2.5
0.5
< 0.1
< 5
33
< 90
< 600
0.04
0.12
BZT55C47
44
47
50
2.5
0.5
< 0.1
< 5
36
< 110
< 700
0.04
0.12
BZT55C51
48
51
54
2.5
0.5
< 0.1
< 10
39
< 125
< 700
0.04
0.12
BZT55C56
52
56
60
2.5
0.5
< 0.1
< 10
43
< 135
< 1000
0.04
0.12
BZT55C62
58
62
66
2.5
0.5
< 0.1
< 10
47
< 150
< 1000
0.04
0.12
BZT55C68
64
68
72
2.5
0.5
< 0.1
< 10
51
< 200
< 1000
0.04
0.12
BZT55C75
70
75
79
2.5
0.5
< 0.1
< 10
56
< 250
< 1500
0.04
0.12


Similar Part No. - BZT55C5V1

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BZT55C5V1 TEMIC-BZT55C5V1 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZT55C5V1 VISHAY-BZT55C5V1 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZT55C5V1 TSC-BZT55C5V1 Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55C5V1 VISHAY-BZT55C5V1 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55C5V1 SEMTECH_ELEC-BZT55C5V1 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results

Similar Description - BZT55C5V1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com