Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C18-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZX84C18-7
Description  350mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C18-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  BZX84C18-7 Datasheet HTML 1Page - Diodes Incorporated BZX84C18-7 Datasheet HTML 2Page - Diodes Incorporated BZX84C18-7 Datasheet HTML 3Page - Diodes Incorporated BZX84C18-7 Datasheet HTML 4Page - Diodes Incorporated BZX84C18-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZX84C2V4 - BZX84C51
Document number: DS18001 Rev. 32 - 2
3 of 5
www.diodes.com
February 2014
© Diodes Incorporated
BZX84C2V4 - BZX84C51
400
T , Ambient Temperature, (°C)
Fig. 1 Power Derating Curve
A
200
100
300
0
500
0
100
200
Note 6
Note 7
0
10
20
30
40
50
0
1
2
3
456
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Typical Zener Breakdown Characteristics
Z
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
5mA
Z
Test current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C39
C15
0
2
4
6
8
10
10
0
20
30
40
50
60
70
V , ZENER VOLTAGE (V)
Fig. 4 Typical Zener Breakdown Characteristics
Z
T = 25°C
J
Test Current I
2mA
Z
C43
C47
C51
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 5 Typical Total Capacitance vs. Nominal Zener Voltage
Z
T = 25°C
J
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R
1
10
100
100
10
V , NOMINAL ZENER VOLTAGE (V)
Fig. 6 Typical Total Capacitance vs. Nominal Zener Voltage
Z


Similar Part No. - BZX84C18-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C18-7-F DIODES-BZX84C18-7-F Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
More results

Similar Description - BZX84C18-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com