Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQ231U1LW31 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LQ231U1LW31
Description  Product Specification
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ231U1LW31 Datasheet(HTML) 5 Page - Sharp Corporation

  LQ231U1LW31 Datasheet HTML 1Page - Sharp Corporation LQ231U1LW31 Datasheet HTML 2Page - Sharp Corporation LQ231U1LW31 Datasheet HTML 3Page - Sharp Corporation LQ231U1LW31 Datasheet HTML 4Page - Sharp Corporation LQ231U1LW31 Datasheet HTML 5Page - Sharp Corporation LQ231U1LW31 Datasheet HTML 6Page - Sharp Corporation LQ231U1LW31 Datasheet HTML 7Page - Sharp Corporation LQ231U1LW31 Datasheet HTML 8Page - Sharp Corporation LQ231U1LW31 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LD21810-2
2. Overview
This module is a color active matrix LCD module incorporating amorphous silicon TFT (Thin Film
Transistor). It is composed of a color TFT-LCD panel, driver ICs, control circuit, power supply circuit and a
back light unit. Graphics and texts can be displayed on a 1600×RGB×1200 dots panel with about 16,777,216
colors by using LDI (LVDS Display Interface) and supplying +5.0V DC supply voltages for TFT-LCD panel
driving and applying +12.0V DC supply voltage for LED backlight-driving DC/DC converter.
It is a wide viewing-angle-module, high brightness(500cd/㎡) and high speed response specification.
These LCD modules have corresponded with the RoHS directive.
3. Mechanical Specifications
Parameter
Specifications
Unit
Display size
59 (23.1”) Diagonal
cm
Active area
470.4 (H)×352.8 (V)
mm
Pixel format
1600 (H)×1200 (V)
Pixel
(1 pixel=R+G+B dots)
Aspect ratio
4:3
Pixel pitch
0.294 (H)×0.294 (V)
mm
Pixel configuration
R, G, B vertical stripe
Display mode
Normally black
Unit outline dimensions *1
530.0(W)×431.5(H) ×23.9(D)TYP
mm
Mass
4,500 (max)
g
Surface treatment (Haze value)
Anti-glare coating :
(Haze value 40%, Hardness 2H)
*1.Note: excluding back light cables and connecters.
The thickness of module (D) doesn’t contain the projection.
Outline dimensions are shown in Fig.1.
4. Input Terminals
4-1. TFT-LCD panel driving
CN1 (Interface signals and +5.0V power supply)
Using connectors
:FI-WE31P-HFE (Japan Aviation Electronics Industry, Limited)
Corresponding connectors
:FI-W31M (Japan Aviation Electronics Industry, Limited)
:FI-C3-A3-15000(Contact)
Using LVDS receiver
:Type contained in a control IC
(DS90CF386 (NS Corporation) or equivalent)
Corresponding LDI Transmitter:DS90C387 (NS Corporation) or equivalent)
Non-DC Balanced Mode


Similar Part No. - LQ231U1LW31

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ201U1LW01 SHARP-LQ201U1LW01 Datasheet
466Kb / 26P
   TFT-LCD Module
logo
List of Unclassifed Man...
LQ210LM-CAA1 ETC-LQ210LM-CAA1 Datasheet
950Kb / 14P
   QSFP28 Optical Transceiver –100 Gigabit Ethernet for up to 10 km Reach
LQ210LM-CAP1 ETC-LQ210LM-CAP1 Datasheet
950Kb / 14P
   QSFP28 Optical Transceiver –100 Gigabit Ethernet for up to 10 km Reach
LQ210LR-CAA1 ETC-LQ210LR-CAA1 Datasheet
950Kb / 14P
   QSFP28 Optical Transceiver –100 Gigabit Ethernet for up to 10 km Reach
LQ210LR-CAP1 ETC-LQ210LR-CAP1 Datasheet
950Kb / 14P
   QSFP28 Optical Transceiver –100 Gigabit Ethernet for up to 10 km Reach
More results

Similar Description - LQ231U1LW31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com