Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C2V0S Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BZT52C2V0S
Description  Planar Die Construction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C2V0S Datasheet(HTML) 2 Page - Diodes Incorporated

  BZT52C2V0S Datasheet HTML 1Page - Diodes Incorporated BZT52C2V0S Datasheet HTML 2Page - Diodes Incorporated BZT52C2V0S Datasheet HTML 3Page - Diodes Incorporated BZT52C2V0S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZT52C2V0S - BZT52C39S
Document number: DS30093 Rev. 18 - 2
2 of 4
www.diodes.com
May 2012
© Diodes Incorporated
BZT52C2V0S - BZT52C39S
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 6)
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 7)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 7)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Type Number
Marking
Code
Zener Voltage
Range (Note 4)
Maximum Zener Impedance
f = 1kHz
Maximum
Reverse Current
(Note 6)
Temperature
Coefficient of
Zener Voltage
@ IZT = 5mA
mV/
°C
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
Nom (V) Min (V)
Max (V)
(mA)
Ω
mA
uA
V
Min
Max
BZT52C2V0S
WY
2.0
1.91
2.09
5
100
600
1.0
150
1.0
-3.5
0
BZT52C2V4S
WX
2.4
2.20
2.60
5
100
600
1.0
50
1.0
-3.5
0
BZT52C2V7S
W1
2.7
2.5
2.9
5
100
600
1.0
20
1.0
-3.5
0
BZT52C3V0S
W2
3.0
2.8
3.2
5
95
600
1.0
10
1.0
-3.5
0
BZT52C3V3S
W3
3.3
3.1
3.5
5
95
600
1.0
5
1.0
-3.5
0
BZT52C3V6S
W4
3.6
3.4
3.8
5
90
600
1.0
5
1.0
-3.5
0
BZT52C3V9S
W5
3.9
3.7
4.1
5
90
600
1.0
3
1.0
-3.5
0
BZT52C4V3S
W6
4.3
4.0
4.6
5
90
600
1.0
3
1.0
-3.5
0
BZT52C4V7S
W7
4.7
4.4
5.0
5
80
500
1.0
2
2.0
-3.5
0.2
BZT52C5V1S
W8
5.1
4.8
5.4
5
60
480
1.0
1
2.0
-2.7
1.2
BZT52C5V6S
W9
5.6
5.2
6.0
5
40
400
1.0
3
2.0
-2.0
2.5
BZT52C6V2S
WA
6.2
5.8
6.6
5
10
150
1.0
2
4.0
0.4
3.7
BZT52C6V8S
WB
6.8
6.4
7.2
5
15
80
1.0
1
4.0
1.2
4.5
BZT52C7V5S
WC
7.5
7.0
7.9
5
15
80
1.0
0.7
5.0
2.5
5.3
BZT52C8V2S
WD
8.2
7.7
8.7
5
15
80
1.0
0.5
5.0
3.2
6.2
BZT52C9V1S
WE
9.1
8.5
9.6
5
15
100
1.0
0.2
6.0
3.8
7.0
BZT52C10S
WF
10
9.4
10.6
5
20
150
1.0
0.1
7.0
4.5
8.0
BZT52C11S
WG
11
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
BZT52C12S
WH
12
11.4
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
BZT52C13S
WI
13
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
BZT52C15S
WJ
15
13.8
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
BZT52C16S
WK
16
15.3
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
BZT52C18S
WL
18
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
BZT52C20S
WM
20
18.8
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
BZT52C22S
WN
22
20.8
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
BZT52C24S
WO
24
22.8
25.6
5
70
250
1.0
0.1
16.8
18.4
-
BZT52C27S
WP
27
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
-
BZT52C30S
WQ
30
28.0
32.0
2
80
300
0.5
0.1
21.0
24.4
-
BZT52C33S
WR
33
31.0
35.0
2
80
325
0.5
0.1
23.1
27.4
-
BZT52C36S
WS
36
34.0
38.0
2
90
350
0.5
0.1
25.2
30.4
-
BZT52C39S
WT
39
37.0
41.0
2
130
350
0.5
0.1
27.3
33.4
-
Notes:
6. Short duration pulse test used to minimize self-heating effect.
7. Part mounted on FR-4 PC board with recommended pad layout, as per http://www.diodes.com.


Similar Part No. - BZT52C2V0S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Microdiode Electronics ...
BZT52C2V0S CHENDA-BZT52C2V0S Datasheet
391Kb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
91Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 13 - 2
logo
Won-Top Electronics
BZT52C2V0S WTE-BZT52C2V0S Datasheet
49Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
logo
TRANSYS Electronics Lim...
BZT52C2V0S TEL-BZT52C2V0S Datasheet
108Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - BZT52C2V0S

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MMBZ5221BW SKTECHNOLGY-MMBZ5221BW Datasheet
853Kb / 3P
   Planar Die Construction
logo
SHENZHEN YONGERJIA INDU...
BZX84C2V4 WINNERJOIN-BZX84C2V4 Datasheet
435Kb / 5P
   Planar Die Construction.
MMSZ5221B WINNERJOIN-MMSZ5221B Datasheet
130Kb / 3P
   Planar Die Construction
logo
Pan Jit International I...
PJZ4V3XBWS PANJIT-PJZ4V3XBWS Datasheet
107Kb / 5P
   Planar Die construction
logo
SHIKUES Electronics
MMBZ5221B SKTECHNOLGY-MMBZ5221B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Shanghai Leiditech Elec...
BZT52C2V0 LEIDITECH-BZT52C2V0 Datasheet
466Kb / 4P
   Planar die construction
logo
SHIKUES Electronics
MMBZ5221BS SKTECHNOLGY-MMBZ5221BS Datasheet
856Kb / 3P
   Planar Die Construction
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4 Datasheet
238Kb / 3P
   Planar Die Construction
logo
Shanghai Leiditech Elec...
BZX84C2V4 LEIDITECH-BZX84C2V4 Datasheet
1Mb / 5P
   Planar Die Construction
logo
Diodes Incorporated
DPLS160-7 DIODES-DPLS160-7 Datasheet
171Kb / 4P
   Epitaxial Planar Die Construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com