Electronic Components Datasheet Search |
|
10TCCQ50 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
10TCCQ50 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 3 page Document Number: 23091 Revision 14-May-02 www.vishay.com 18 GA, HK, HM, HY, TC, TG, TS Series Vishay Cera-Mite ceramite.support@vishay.com Lower Voltage Disc Capacitors VALUE CATALOG SIZE TEMP. pF TOL. NUMBER FIGURE CODE COEF. 470 K TST47 2 C X7R 1000 K TSD10 2 C X7R 2200 K TSD22 2 F X7R 3300 K TSD33 2 F X7R 4700 K TSD47 2 G X7S 6800 K TSD68 2 H X7S 0.01µF K TSS10 2 J X7S VALUE CATALOG SIZE TEMP. µF TOL. NUMBER FIGURE CODE COEF. .005 M TGD50 1 E Z5U .01 M TGS10 1 F Z5U .02 M TGS20 1 G Z5U .022 M TSS22 1 T X7S .047 M TGS47 1 R Z5U .050 M TGS50 1 R Z5U .10 M TGP10 1 W Z5U VALUE CATALOG SIZE TEMP. pF TOL. NUMBER FIGURE CODE COEF. 10 D TSQ10 2 C NP0 22 J TSQ22 2 C NP0 33 K TSQ33 2 C U2J 47 K TSQ47 2 C U2J 100 K TST10 2 C X7R 220 K TST22 2 C X7R 330 K TST33 2 C X7R VOLTAGE LEAD OFFSET “LO” (nom) CLASS in mm 100 .040 1.0 500 .040 1.0 1000 .050 1.3 mm in mm in 6.4 .156 4.0 .250 7.4 .156 4.0 .250 8.4 .156 4.0 .250 9.4 .156 4.0 .250 10.2 .156 4.0 .250 11.2 .156 4.0 .250 11.7 .156 4.0 .250 12.4 .156 4.0 .250 12.4 .156 4.0 .375 13.5 .156 4.0 .375 14.2 .156 4.0 .375 mm 6.4 6.4 6.4 6.4 6.4 6.4 6.4 6.4 9.5 9.5 9.5 SIZE DIAMETER “D” MAX THICKNESS “T” MAX CODE in mm in mm in mm K .630 16.0 .156 4.0 .375 9.5 L .680 17.3 .156 4.0 .375 9.5 M .760 19.3 .156 4.0 .375 9.5 P .890 22.6 .156 4.0 .375 9.5 R .510 13.0 .200 5.1 .375 9.5 U .640 16.3 .200 5.1 .375 9.5 W .700 17.8 .200 5.1 .375 9.5 X .770 19.6 .200 5.1 .375 9.5 Y .900 22.9 .200 5.1 .375 9.5 Q .950 24.1 .200 5.1 .375 9.5 LEAD SPACING “LS” FIG 1 & 3 T .580 14.7 .200 5.1 .375 9.5 12V TO 1KV Lower Voltage Capacitors are stocked in distribution. See “Packaging Options” section for other electrical and mechanical options, including Tape & Reel. Fig 2 Fig 1 Fig 3 STANDARD WIRE SIZE: • C and E Sizes - 24 gauge (.020") Tinned Copper Clad Steel Wire. • F through Q Sizes - 22 gauge (.025") Tinned Copper Wire. TAPE & REEL OPTIONS: • Tape & Reel available on diameter sizes .250" to .680". • To specify T & R, add two letter suffix to catalog number for example: TGS10 QA-suffix describes alternate wire lead forms & lead spacing options - see complete description in “Packaging Options” section. • 10,000 piece minimum shipment for T & R. SIZE CODE C E E7 F F7 G7 H H3 H7 J G DIAMETER “D” MAX THICKNESS “T” MAX LEAD SPACING “LS” FIG 1 & 3 in .250 .290 .330 .370 .400 .440 .460 .490 .490 .530 .560 12/25/50/100V HYPERCON CONSTRUCTION HIGH-CAPACITANCE DISCS • Application: Low Voltage Bulk Filter 100 VDC, Y5S, 100 F, 3% DF VALUE CATALOG SIZE µF TOL. NUMBER FIGURE CODE .0022 M HMMD22 2 C .0047 M HMMD47 2 C .01 M HMMS10 3 E .10 M HMMP10 1 L 50 VDC, Y5R, 25 F, 4% DF VALUE CATALOG SIZE µF TOL. NUMBER FIGURE CODE .01 M HY920 3 C .022 M HY925 3 E .047 M HY935 1 G .10 M HY950 1 H 25 VDC, Y5R, 5 F, 5% DF VALUE CATALOG SIZE µF TOL. NUMBER FIGURE CODE .01 M HY820 3 C .022 M HY825 3 E .033 M HY530 3 E .047 M HY835 3 F .10 M HY850 1 G 12 VDC, Y5R, 2.5 F, 5% DF VALUE CATALOG SIZE µF TOL. NUMBER FIGURE CODE .05 Y HY105 3 E .10 M HY110 1 G .22 M HY122 1 J .47 M HY147 1 P 563C Series Class IV Dielectirc ** See “Application Data” section for limits on AC voltage. 100 VOLT GENERAL PURPOSE • Application Range: Up to 250 VDC, 75 VAC RMS** • Insulation Resistance: 10,000 M Ω minimum, 500ΩF • Dissipation Factor: 3.0% maximum 562C Series • Dielectric Strength: 750 VDC, 250 VAC RMS D Max LO T Max 1.250” min (32) 0.125” max (3) LS D Max LO T Max 1.250” min (32) 0.125” max (3) LS .197” (5.0) D Max LO T Max 1.250” min (32) 0.125” max (3) LS Ω Ω Ω Ω |
Similar Part No. - 10TCCQ50 |
|
Similar Description - 10TCCQ50 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |