Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK6XX3K Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LNK6XX3K
Description  Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK6XX3K Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK6XX3K Datasheet HTML 3Page - Power Integrations, Inc. LNK6XX3K Datasheet HTML 4Page - Power Integrations, Inc. LNK6XX3K Datasheet HTML 5Page - Power Integrations, Inc. LNK6XX3K Datasheet HTML 6Page - Power Integrations, Inc. LNK6XX3K Datasheet HTML 7Page - Power Integrations, Inc. LNK6XX3K Datasheet HTML 8Page - Power Integrations, Inc. LNK6XX3K Datasheet HTML 9Page - Power Integrations, Inc. LNK6XX3K Datasheet HTML 10Page - Power Integrations, Inc. LNK6XX3K Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Rev. C 03/14
7
www.powerint.com
LinkSwitch-HP
Figure 10. PROGRAM (PD) Pin Timing Diagram.
VPDTHACR 3.40 V
t1 t2
t3
t4
t5
t6
t7
t8
t9
t10
tPDST
ID ILIMIT
tPD Programmable
Shutdown Delay
VFB
SW
VPDTHRM 1.35 V
VPDI
VPDTHPDH 1.25 V
VPDTHPDL 0.535 V
PI-6692-101713
Fast AC Reset
Remote On/Off
OSC
This is an adjustable frequency oscillator. Based on error
voltage, the frequency will adjust from 32 kHz at light load to
132 kHz at heavy load. The oscillator employes ±5 kHz
frequency jitter to reduce EMI levels.
Current Limit Comparator
This is a high-speed current limit comparator. It compares the
current from the power MOSFET to the internal current reference.
Once the current reaches the threshold the MOSFET on-cycle
is terminated.
Multi-Cycle Modulation (MCM)
When voltage on COMPENSATION pin reaches V
C(MCM) (about
1.25 V) the peak drain current is reduced to 25% of programmed
value and the switching frequency approaches f
MCM = 32 kHz
(typical). During MCM operation the controller intelligently
maintains a relatively high output sampling rate while reducing
the average switching frequency to keep the output voltage in
regulation. Switching at 25% of the set current limit reduces the
transformer core flux density significantly. This and the intelligent
MCM operation reduce audible noise well below acceptable levels.
LNK666x has a maximum MCM off-time T
MCM(OFF) = 0.5 ms (typ.).
The high minimum output sampling rate provides excellent
transient load response from 0% to 50% or 100% of nominal
load while offering typically below 100 mW no-load input power.
LNK67xx has a maximum MCM off-time T
MCM(OFF) = 4 ms (typ.).
The lower minimum output sampling rate enables designs
below 30 mW no-load input power while providing fair transient
load performance for load steps from 0% to 50% or 100% of
nominal load.


Similar Part No. - LNK6XX3K

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6XX3K POWERINT-LNK6XX3K Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
More results

Similar Description - LNK6XX3K

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6666E POWERINT-LNK6666E Datasheet
2Mb / 24P
   Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK623 POWERINT-LNK623 Datasheet
540Kb / 18P
   Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY290PG POWERINT-TNY290PG Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com