Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS505 Datasheet(PDF) 2 Page - Dc Components

Part # RS505
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

RS505 Datasheet(HTML) 2 Page - Dc Components

  RS505 Datasheet HTML 1Page - Dc Components RS505 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES
(
)
B40C5000
B380C5000
THRU
RS501
RS507
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE,
oC
0
50
100
150
5.0
4.0
3.0
2.0
1.0
0
resistive load
capactive load
Limiting cooing medium temperature TA at natural
cooling without heatsink
FIG.2-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE,
oC
0
50
100
150
6.0
5.0
4.0
3.0
2.0
1.0
0
resistive load
capactive load
FIG.1-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC PER BRIDGE ELEMENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
100
40
20
10
6.0
4.0
2.0
1.0
0.6
0.4
0.2
0.1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FIG.4-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
TIME
ms
sec
min.
100
60
40
20
10
8
6
4
2
1
10
20 40 60 100 200 400
1
2
4 6 10
20 40 1
2
4 6
10 20 40 1h
FIG.6-MEAN AVERAGE FORWARD CURRENT
CASE TEMPERATURE
FIG.5-MAXIMUM TOTAL BRIDGE POWER
DISSIPATION
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
AVERAGE FORWARD CURRENT AMBIENT TEMPERATURE
16
14
12
10
8
6
4
2
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
resistive load
capactive load
16
14
12
10
8
6
4
2
0
2
4
6
8
20
40
60
80
100 120
140 160
120 125 130 135
resistive load
capactive load
5
10
15
20
o
C
W
0
0.4
0.6
0.8
1
TA=45
o
C
SINGLE SINE-WAVE
JEDEC Method
150
o
C
25
o
C
Typical characteristic
Limiting characteristic
207
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - RS505

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS505 GOOD-ARK-RS505 Datasheet
240Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Chongqing Pingwei Enter...
RS505 CHONGQING-RS505 Datasheet
47Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
RS505 SECOS-RS505 Datasheet
363Kb / 2P
   Silicon BridgeRectifiers
logo
Formosa MS
RS505 FORMOSA-RS505 Datasheet
82Kb / 6P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
RS505 YANGJIE-RS505 Datasheet
154Kb / 2P
   Bridge Rectifier
More results

Similar Description - RS505

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
DB151 DCCOM-DB151 Datasheet
377Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBK25A DCCOM-KBK25A Datasheet
453Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBU10A DCCOM-KBU10A Datasheet
392Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com