Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSG-21S1AA1 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # JSG-21S1AA1
Description  Fibre Channel Small Form Factor PTH Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JSG-21S1AA1 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  JSG-21S1AA1 Datasheet HTML 1Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 2Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 3Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 4Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 5Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 6Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 7Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 8Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 9Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
JSF-21S0AA1
JSG-21S1AA1
JSF-21S2AA1
JSG-21S3AA1
SW 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Page 2 of 22
03/06/02
Laser Safety Compliance Requirements
The SFF-PTH-SW-2X5/2X6 is designed and certi-
fied as a Class 1 laser product. If the power supply
voltage exceeds 5.0 volts, the transceiver may no
longer remain a Class 1 product. The system using
the SFF-PTH-SW-2X5/2X6 must provide power sup-
ply over voltage protection that guarantees the sup-
ply does not exceed 5.0 volts under all fault
conditions. If the voltage exceeds 4.0 volts, the reli-
ability of the part may be compromised.
Caution: Operating the power supply above 5.0
volts or otherwise operating the SFF-PTH-SW-
2X5/2X6 in a manner inconsistent with its design
and function may result in hazardous radiation expo-
sure, and may be considered an act of modifying or
new manufacturing of a laser product under US reg-
ulations contained in 21 CFR(J) or CENELEC regu-
lations contained in EN 60825. The person(s)
performing such an act is required by law to recertify
and reidentify the product in accordance with the
provisions of 21 CFR(J) for distribution within the
United States, and in accordance with provisions of
CENELEC EN 60825 (or successive regulations) for
distribution within the CENELEC countries or coun-
tries using the IEC 825 standard.
ESD Notice
It is advised that normal static precautions be taken
in the handling and assembly of the SFF-PTH-SW-
2X5/2X6 to prevent damage and/or degradation
which may be introduced by electrostatic discharge.
Package Outline
Pin Assignments
Pin Name
Type
Pin #
Rx Ground
Ground
1
Rx Power
Power
2
Rx_SD
Status Out
3
Rx_DAT -
Signal Out
4
Rx_DAT +
Signal Out
5
Tx Power
Power
6
Tx Ground
Ground
7
Tx_Disable
Control In
8
Tx_DAT +
Signal In
9
Tx_DAT -
Signal In
10
N/C
Not Connected
A
Tx_Fault (2X6 Only)
Status Out
B
Ordering Information
Product Descriptor
Part Number
Signaling Rate
Wavelength
Pin Length
SFF-PTH-2125-SW-2X5-3
JSF-21S0AA1
2.125 Gb/s
850 nm
3.0 mm
SFF-PTH-2125-SW-2X5-3
JSF-21S2AA1
2.125 Gb/s
850 nm
3.0 mm
SFF-PTH-2125-SW-2X6-45
JSG-21S1AA1
2.125 Gb/s
850 nm
4.5 mm
SFF-PTH-2125-SW-2X6-45
JSG-21S3AA1
2.125 Gb/s
850 nm
4.5 mm


Similar Part No. - JSG-21S1AA1

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
JSG CIT-JSG Datasheet
131Kb / 1P
   CIT SWITCH
logo
STANLEY ELECTRIC CO.,LT...
JSG1117ASE-TR STANLEY-JSG1117ASE-TR Datasheet
715Kb / 24P
   Thinner package, Green color emitting LED
logo
CIT Relay & Switch
JSGA CIT-JSGA Datasheet
131Kb / 1P
   CIT SWITCH
JSGB CIT-JSGB Datasheet
131Kb / 1P
   CIT SWITCH
JSGC CIT-JSGC Datasheet
131Kb / 1P
   CIT SWITCH
More results

Similar Description - JSG-21S1AA1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5921L AVAGO-HFBR-5921L Datasheet
301Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921L HP-HFBR-5921L Datasheet
293Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921AL HP-HFBR-5921AL Datasheet
230Kb / 14P
   Fibre Channel 2.125/1.0625 GBd 850 nm (2 x 5) Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5921ALZ AVAGO-AFBR-5921ALZ Datasheet
691Kb / 13P
   Small Form Factor, Pin Through Hole (PTH), Low Voltage (3.3 V) 2x5 RoHS-Compliant Optical Transceiver for Fibre Channel 2.125/1.0625 GBd 850 nm
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Infineon Technologies A...
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com