Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4939F-TR Datasheet(PDF) 11 Page - Rohm

Part # BU4939F-TR
Description  Low Voltage Standard CMOS Voltage Detector ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4939F-TR Datasheet(HTML) 11 Page - Rohm

Back Button BU4939F-TR Datasheet HTML 7Page - Rohm BU4939F-TR Datasheet HTML 8Page - Rohm BU4939F-TR Datasheet HTML 9Page - Rohm BU4939F-TR Datasheet HTML 10Page - Rohm BU4939F-TR Datasheet HTML 11Page - Rohm BU4939F-TR Datasheet HTML 12Page - Rohm BU4939F-TR Datasheet HTML 13Page - Rohm BU4939F-TR Datasheet HTML 14Page - Rohm BU4939F-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Datasheet
11/13
BU48xx series
BU49xx series
TSZ02201-0R7R0G300060-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
03.Feb.2014 Rev.010
www.rohm.com
TSZ22111・15・001
●Circuit Applications
1) Examples of a common power supply detection reset circuit
Application examples of BU48xx series
(Open Drain output type) and BU49xx series
(CMOS output type) are shown below.
CASE1:The power supply of the microcontroller (VDD2)
differs from the power supply of the reset detection (V DD1).
Use the Open Drain Output Type (BU48xx series).
Attach a load resistance (RL) between the output and
VDD2. (As shown Fig.15)
CASE2:The power supply of the microcontroller (VDD1) is
same as the power supply of the reset detection (VDD1).
Use CMOS output type (BU43xx series) or Open Drain
Output Type (BU48xx series). Attach a load
resistance (RL) between the output and VDD1.
(As shown Fig.16)
When a capacitance CL for noise filtering for setting the
output delay time is connected to the VOUT pin (the reset
signal input terminal of the microcontroller), please take
into account the waveform of the rise and fall of the output
voltage (VOUT).
2) The following is an example of a circuit application in which an OR connection between two types of detection voltage
resets the microcontroller.
To reset the microcontroller when many independent power supplies are used in the system, OR connect an open drain
output type (BU48xx series) to the microcontroller’s input with pull-up resistor to the supply voltage of the microcontroller
(VDD3) as shown in Fig. 20. By pulling-up to VDD3, output “High” voltage of micro-controller power supply is possible.
VDD1
BU48xx
VDD2
GND
CL
(Capacitor for
noise filtering)
RL
CIN
RST
Micro
controller
CL
(Capacitor for
noise filtering)
VDD1
BU49xx
CIN
GND
RST
Micro
controller
Fig.15 Open Drain Output type
Fig.16 CMOS Output type
VDD1
VDD3
GND
RST
microcontroller
CT
RL
VDD2
CT
BU48Exxx
NO.1
BU48xx
NO.2
Fig.17


Similar Part No. - BU4939F-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4939F-TR ROHM-BU4939F-TR Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4939F-TR ROHM-BU4939F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4939F-TR ROHM-BU4939F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4939F-TR ROHM-BU4939F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Similar Description - BU4939F-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU48XX ROHM-BU48XX Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4942G-TR ROHM-BU4942G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com