Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHM0624S12 Datasheet(PDF) 1 Page - XP Power Limited

Part # JHM0624S12
Description  International Medical Approvals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JHM0624S12 Datasheet(HTML) 1 Page - XP Power Limited

  JHM0624S12 Datasheet HTML 1Page - XP Power Limited JHM0624S12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
3/6 Watts
International Medical Approvals
3000 VAC Reinforced Insulation
60 º C Operation Without Derating
2 µA Patient Leakage Current
DIP 24 Package
EN55011 Level A With No External Components
3 Year Warranty
JHM Series
Input
Input Voltage Range
• 12 V (10-17 VDC)
24 V (20-30 VDC)
Input Current
• See table
Inrush Current
• 25 A max at 30 V
Input Filter
• Pi network
Patient Leakage
• 2 µA max
Current
Undervoltage Lockout
• 12 V model, on at <9 V, off >8.5 V
24 V model on at <18.8 V, off >16 V
Input Surge
• 12 V models 25 V for 3 s
24 V model 50 V for 3 s
Output
Output Voltage
• See table
Output Voltage Trim
• ±10%
Minimum Load
• No minimum load required
Initial Set Accuracy
• ±1% max
Start Up Delay
• 5 ms typical
Start Up Rise Time
• 2 ms typical
Line Regulation
• ±0.3% max
Load Regulation
• ±2% max 0% to 10% load,
±1% max 10% to 100% load
Cross Regulation
• ±4% max on dual with one output set to
50% load and the other varied from
0% to 100% load
Transient Response
• 4% max deviation, recovery to within 1%
in <500 µs for a 50% load change at 0.25
A/µs rate
Ripple & Noise
• 1% pk-pk max 20 MHz bandwidth
Overload Protection
• 120% - 200%
Overvoltage Protection
• 120% - 140%
Temperature
• ±0.03/°C max
Coefficient
Short Circuit Protection
• Trip and restart (hiccup mode),
auto recovery
xppower.com
General
Efficiency
• See tables
Isolation
• 5000 VAC for 10 ms (acc. to IEC60664-1),
3000 VAC reinforced isolation for 1 min.
Input to Output
• 20 pF max
Capacitance
Switching Frequency
• JHM03: 180 kHz to 1.2 MHz variable
JHM06: 200 kHz to 1.6 MHz variable
Power Density
• JHM03: 7.5 W/in3, JHM06: 17.0 W/in3
MTBF
• >1 MHrs typical to MIL-STD-217F
at 25 °C, GB
Environmental
Operating Temperature
• -20 °C to +100 °C, derate from 100% load
at +60 °C to no load at 100 °C
Case Temperature
• +100 °C max
Storage Temperature
• -40 °C to +100 °C
Operating Humidity
• 5-90%, non-condensing
Cooling
• Natural convection
EMC & Safety
Emissions
• EN55011 & EN55022 level A conducted &
radiated with no external components
Immunity
• IEC60601-1-2, EN61204-3
ESD Immunity
• EN61000-4-2, level 2, Perf Criteria A
Radiated Immunity
• EN61000-4-3, 10 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 1 Perf Criteria A
Conducted Immunity
• EN61000-4-6, 10 Vm, Perf Criteria A
Magnetic Field
• EN61000-4-8, 3 A/m Perf Criteria A
Safety Approvals
• ANSI/AMMI ES60601-1 3rd Edition
CSA-22.2 No.60601-1:2008
IEC60601-1 3rd Edition


Similar Part No. - JHM0624S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JHM1005D05 XPPOWER-JHM1005D05 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005D12 XPPOWER-JHM1005D12 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005D15 XPPOWER-JHM1005D15 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005S05 XPPOWER-JHM1005S05 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005S12 XPPOWER-JHM1005S12 Datasheet
120Kb / 2P
   International Medical Approvals
More results

Similar Description - JHM0624S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JHM1024D15 XPPOWER-JHM1024D15 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005S05 XPPOWER-JHM1005S05 Datasheet
120Kb / 2P
   International Medical Approvals
ISM02 XPPOWER-ISM02 Datasheet
379Kb / 3P
   International Medical Safety Approvals
SDM XPPOWER-SDM Datasheet
516Kb / 4P
   Medical Approvals
SDU XPPOWER-SDU Datasheet
201Kb / 2P
   Medical Approvals
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
   Medical Safety Approvals
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com