Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QN Datasheet(PDF) 3 Page - EUROQUARTZ limited

Part # QN
Description  LVDS Output VCXOs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

QN Datasheet(HTML) 3 Page - EUROQUARTZ limited

  QN Datasheet HTML 1Page - EUROQUARTZ limited QN Datasheet HTML 2Page - EUROQUARTZ limited QN Datasheet HTML 3Page - EUROQUARTZ limited QN Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
'GDQN' LVDS Output VCXOs
QN Series VCXOs
10MHz to 1450MHz
5.0 x 3.2mm SMD Package
OUTLINE & DIMENSIONS
7.0 x 5.0mm SMD Package
Environmental
Approvals
RoHS Compliant, Pb (lead) free in accordance with EU Directive 2002/95/EC 6/6
(2002/95EC) and WEEE (2002/96/EC).
Free of halide, cadmium, hexavalent chromium, lead, mercury, PBBs and PBDEs
Moisture sensitivity Level
Level 1 (infinite) according to IPC/JEDEC J-STF-020D.1
Second Level Interconnect
'e4
Storage Temperature Range
-55° to +125°C
Humidity
85%RH, 85°C, 48 hours
Fine Leak / Gross Leak
MIL-STD-202F Method 1014, Cond. A / MIL-STD-883, Method 1014, Cond C.
Solderability
MIL-STD-202F method 208E
Reflow
260°C for 10s. 2 times
Vibration
MIL-STD-202F Method 204, 35g, 50 to 2000Hz
Shock
MIL-STD-202F, Method 213B, Test Cond. E, 1000gg 1/2 sine wave.
Resistance to Solvents
MIL-STD-202, Method 215
Temperature Cyscling
MIL-STD-883, Method 1010
ESD Rating
Human Body Model (HBM): 1500 V minimum.
Pad Surface Finish
Gold (Au)(0.3µm ot 1.0µm) over nickel (Ni)(1.27µm to 8.89µm)
Weight of the Device
576 package: 0.18gm typical, 536 package: 0.09gm typical.
ENVIRONMENTAL PERFORMANCE SPECIFICATION
Page 3 of 4


Similar Description - QN

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-VXO-73 ECS-ECS-VXO-73 Datasheet
234Kb / 1P
   SMD VCXOS
ECS-VXO-73 ECS-ECS-VXO-73_14 Datasheet
237Kb / 2P
   SMD VCXOS
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
   LVDS Oscillator LVDS Output
logo
Oscilent Corporation
920 OSCILENT-920 Datasheet
141Kb / 2P
   LVDS Output
logo
List of Unclassifed Man...
K1536BLC ETC-K1536BLC Datasheet
22Kb / 1P
   LOW COST SURFACE MOUNT VCXOS
logo
Nippon Precision Circui...
5087 NPC-5087 Datasheet
511Kb / 15P
   LVDS Output Oscillator ICs
logo
MTRONPTI
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
logo
Mercury United Electron...
HDW14 MERCURY-HDW14 Datasheet
106Kb / 1P
   Dip type LVDS output
logo
MTRONPTI
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
logo
Integrated Device Techn...
ICS854S057BI IDT-ICS854S057BI Datasheet
767Kb / 15P
   One LVDS output pair
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com