Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM10A221SG Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # BLM10A221SG
Description  Product Specification for Reference Only
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM10A221SG Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  BLM10A221SG Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM10A221SG Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM10A221SG Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM10A221SG Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM10A221SG Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BLM21A221SG
SURFACE MOUNT EMI FILTERS
CHIP FERRITE BEADS
TYPICAL IMPEDANCE CHARACTERISTICS
BLM21A331SG
BLM21A401S
9
BLM
A Series
400
320
240
160
80
0
1
10
100
1000
Frequency (MHz)
500
400
300
200
100
0
1
10
100
1000
Frequency (MHz)
500
400
300
200
100
0
1
10
100
1000
Frequency (MHz)
BLM21A471SG
BLM21A601F
BLM21A102S
1000
800
600
400
200
0
1
10
100
1000
Frequency (MHz)
1000
800
600
400
200
0
1
10
100
1000
Frequency (MHz)
1500
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)
BLM21A601S
BLM21A102F
BLM21A601R
1000
800
600
400
200
0
1
10
100
1000
Frequency (MHz)
1500
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)
1000
800
600
400
200
0
1
10
100
1000
Frequency (MHz)
BLM31A260S
BLM31A700S
BLM31A601S (For low speed signal line)
50
40
30
20
10
01
10
100
1000
Frequency (MHz)
100
80
60
40
20
0
1
10
100
1000
Frequency (MHz)
1
10
100
1000
Frequency (MHz)
1
10
100
1000
Frequency (MHz)
1
10
100
1000
Frequency (MHz)
BLM41A800S
100
80
60
40
20
0
BLM41A151S
200
160
120
80
40
0
1000
800
600
400
200
0
BLM21A151SG
250
200
150
100
50
0
1
10
100
1000
Frequency (MHz)


Similar Part No. - BLM10A221SG

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM10A221SG MURATA-BLM10A221SG Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
More results

Similar Description - BLM10A221SG

ManufacturerPart #DatasheetDescription
logo
Power-One
PPS7 POWER-ONE-PPS7 Datasheet
153Kb / 4P
   Legacy Products- For Reference Only
logo
List of Unclassifed Man...
FX3090 ETC-FX3090 Datasheet
235Kb / 8P
   Obsolete Product For Information Only.
logo
ILLUMINANT CO., LTD
I2420-6OMN4823A ILLUMINANT-I2420-6OMN4823A Datasheet
751Kb / 28P
   PRODUCT SPECIFICATION FOR LCM
logo
List of Unclassifed Man...
ECJ-CV50J106M ETC2-ECJ-CV50J106M Datasheet
784Kb / 28P
   PRODUCT SPECIFICATION FOR INFORMATION
logo
Panasonic Semiconductor
EFJ-C1605E5B PANASONIC-EFJ-C1605E5B Datasheet
207Kb / 6P
   PRODUCT SPECIFICATION FOR APPROVAL
logo
AZ Displays
HV121WX5-113 AZDISPLAYS-HV121WX5-113 Datasheet
750Kb / 33P
   Product Specification for Customer
logo
ILLUMINANT CO., LTD
I4001-6XXT4827A ILLUMINANT-I4001-6XXT4827A Datasheet
873Kb / 12P
   PRODUCT SPECIFICATION FOR LCM
logo
Panasonic Semiconductor
EXB-V8V-750JV PANASONIC-EXB-V8V-750JV Datasheet
215Kb / 11P
   PRODUCT SPECIFICATION FOR APPROVAL
ECJ-0EX1C104K PANASONIC-ECJ-0EX1C104K Datasheet
785Kb / 25P
   PRODUCT SPECIFICATION FOR APPROVAL
ECJ-ZEBFJ104K PANASONIC-ECJ-ZEBFJ104K Datasheet
787Kb / 25P
   PRODUCT SPECIFICATION FOR APPROVAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com