Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDW14 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # HDW14
Description  14 pin Dual-in-Line
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HDW14 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  HDW14 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
HDW14 series LVDS output oscillators cover the frequency range
750kHz to 800MHz. The design contains a high 'Q' fundamental
crystal and a multiplier circuit. Integrated phase jitter is 4.0ps
maximum.
Frequency Range:
750kHz to 800.0MHz
Output Logic
LVDS
Phase Noise:
See table
Frequency Stability:
See table
Operating Temp Range
Commercial:
-10° to +70°C
Industrial:
-40° to +85°C
Input Voltage:
+3.3VDC ±5%
Output Logic
High '1' VOH:
1.4V typical, 1.6V max.
Low '0' VOL:
0.9V min., 1.1V typical
Differential Output Voltage VOD:
247mV min., 355mV typ.,
454mV max. Output 1 - Output 2
Differential Output Error dVOD: -50mV min., 50mV max.
Output Offset Voltage VOS:
1.125V min., 1.20V typ., 1.375V max.
Offset Magnitude Error dVOS:
0mV min., 3mV typ., 25mV max.
Rise/Fall Times:
0.7ns typical, 1.0ns max.
(20% to 80% of LVDS waveform)
Current Consumption (15pF load):
<24MHz:
25mA max.
24.01 to 96MHz:
45mA max.
96.01 to 800MHz:
80mA max.
Load:
50W from each output
Start-up Time:
5ms typ., 10ms max.
Duty Cycle:
50%±5% (at 1.5V)
Drive Capability:
100 Ohms between outputs
Input Static Discharge Prot:
2kV min.
Storage Temperature Range:
-55°C to +150°C
Ageing:
±3ppm per year max., ±2ppm
thereafter. At T amb +25°C
ABSOLUTE MAXIMUM RATINGS
(Permanent damage may be caused if operated beyond these limits.)
Supply Voltage Vdd:
+4.6VDC max.
Input Voltage Vi:
Vss -0.5 min., VDD +0.5V max.
Input Voltage Vo:
Vss -0.5 min., Vdd +0.5V max.
SPECIFICATION
PART NUMBERS
HDW14 oscillator part numbers are derived as follows:
Example:
3HDW14-A-250.000
HDW14 LVDS OSCILLATORS
Supply Voltage
3 = 3.3VDC
Series Designation
Package Style
Stability Code
(See table)
Frequency
STABILITY OVER TEMPERATURE RANGE
Stability
Temperature Range Order Code
±ppm
°C
25
-10 to +70
A
50
-10 to +70
B
100
-10 to +70
C
25
-40 to +85
D
50
-40 to +85
E
100
-40 to +85
F
Offset
10Hz
-60
100Hz
-90
1kHz
-115
10kHz
-125
100kHz
-119
1MHz
-120
10MHz
-140
dBc/Hz
PHASE NOISE
(155.520MHz)
Typ.
2.6ps 4.0ps
4.3ps
27ps
Max.
Integrated Phase Jitter:
(12kHz to 20MHz)
Period Jitter:
(RMS)
Period Jitter:
(peak to peak)
JITTER
(155.520MHz)
OUTLINE & DIMENSIONS
14 pin Dual-in-Line
750kHz to 800.0MHz


Similar Part No. - HDW14

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HDW14 MERCURY-HDW14 Datasheet
106Kb / 1P
   Dip type LVDS output
More results

Similar Description - HDW14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GW14 EUROQUARTZ-GW14 Datasheet
223Kb / 1P
   14 pin Dual-in-Line
HSR14 EUROQUARTZ-HSR14 Datasheet
126Kb / 1P
   14 pin Dual-in-Line
HPF14 EUROQUARTZ-HPF14 Datasheet
94Kb / 1P
   14 pin Dual-in-Line
GV14 EUROQUARTZ-GV14 Datasheet
223Kb / 1P
   14 pin Dual-in-Line
XOP1000 EUROQUARTZ-XOP1000 Datasheet
89Kb / 1P
   14 pin Dual-in Line
HPA14 EUROQUARTZ-HPA14 Datasheet
208Kb / 1P
   14 pin Dual-in-Line
G14 EUROQUARTZ-G14 Datasheet
222Kb / 1P
   14 pin Dual-in-Line
HPW14 EUROQUARTZ-HPW14 Datasheet
209Kb / 1P
   14 pin Dual-in-Line
GF14 EUROQUARTZ-GF14 Datasheet
222Kb / 1P
   14 pin Dual-in-Line
GPW14 EUROQUARTZ-GPW14 Datasheet
90Kb / 1P
   14 pin Dual-in-Line VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com