Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HHC1250V822 Datasheet(PDF) 2 Page - Okaya Electric America, Inc.

Part # HHC1250V822
Description  HIGH PULSE CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

HHC1250V822 Datasheet(HTML) 2 Page - Okaya Electric America, Inc.

  HHC1250V822 Datasheet HTML 1Page - Okaya Electric America, Inc. HHC1250V822 Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
43
HHC SERIES
HIGH PULSE CAPACITOR
Electrical Specifications
Metalized Polypropylene
Film Capacitor
Operating Temperature: -40~+105°C
Dimensions (mm)
W
17.0
17.0
17.0
17.0
17.0
17.0
25.0
25.0
25.0
25.0
25.0
25.0
HT
5.5
5.5
6.5
6.5
8.0
8.0
6.5
6.5
8.0
8.0
10.0
10.0
12.5
12.5
13.5
13.5
15.0
15.0
16.0
16.0
17.5
17.5
19.5
19.5
F
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
22.5
d
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
Dissipation
Factor
Test Voltage
Insulation
Resistance
0.001max.
(at 1k±100Hz)
Rated Voltage
×1.75VDC
(2~5sec)
50,000MΩmin.
(at 20°C, 100VDC)
Rated
Voltage
1250VDC
Model Number
HHC1250V392
HHC1250V472
HHC1250V562
HHC1250V682
HHC1250V822
HHC1250V103
HHC1250V123
HHC1250V153
HHC1250V183
HHC1250V223
HHC1250V273
HHC1250V333
Capacitance
μF±10%
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
:J=Tolerance of Capacitance ±5%, K=Tolerance of Capacitance ±10%
0.0
1.0
2.0
3.0
4.0
5.0
10
100
1000
0.047μF
0.056μF
0.1μF
0.22μF
HHC400V series
Frequency (kHz)
0.0
1.0
2.0
3.0
4.0
10
100
1000
0.01μF
0.022μF
0.027μF
0.033μF
0.039μF
0.047μF
HHC630V series
Frequency (kHz)
0.0
1.0
2.0
3.0
4.0
5.0
10
100
1000
0.056μF
0.068μF
0.082μF
0.10μF
0.22μF
HHC630Vseries
Frequency (kHz)
0.0
1.0
2.0
3.0
4.0
10
100
1000
0.001μF
0.0033μF
0.0047μF
0.01μF
0.022μF
0.033μF
HHC1250V series
Frequency (kHz)
● Permissible current data (r.m.s. value)


Similar Part No. - HHC1250V822

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
HHC1250V104J OKAYA-HHC1250V104J Datasheet
302Kb / 1P
   HIGH PULSE CAPACITOR
More results

Similar Description - HHC1250V822

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
HRC2J682J OKAYA-HRC2J682J Datasheet
290Kb / 1P
   HIGH PULSE CAPACITOR
AFV OKAYA-AFV_14 Datasheet
81Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J Datasheet
309Kb / 1P
   HIGH PULSE CAPACITOR
HHC400V104J OKAYA-HHC400V104J Datasheet
302Kb / 1P
   HIGH PULSE CAPACITOR
HRC2J682J OKAYA-HRC2J682J_14 Datasheet
266Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J_14 Datasheet
63Kb / 1P
   HIGH PULSE CAPACITOR
C7NP OKAYA-C7NP_14 Datasheet
102Kb / 3P
   HIGH PULSE CAPACITOR
C7NP2E104J OKAYA-C7NP2E104J Datasheet
518Kb / 1P
   HIGH PULSE CAPACITOR
HCP-S OKAYA-HCP-S Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
logo
Illinois Capacitor, Inc...
107DCN2R7SLB ILLINOISCAPACITOR-107DCN2R7SLB Datasheet
128Kb / 1P
   High pulse power capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com