Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCP1250V224K Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # HCP1250V224K
Description  HIGH PULSE CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

HCP1250V224K Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  HCP1250V224K Datasheet HTML 1Page - Okaya Electric America, Inc. HCP1250V224K Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39
Features
Applications
● Compact size and resin case.
● Improved safety and suppressing self-heating.
● High frequency circuit, High voltage resonant
circuit, Snubber circuit and Protection of
semiconductors such as IGBT, IPM and MOSFET.
● Circuit
● Dimensions
Unit: mm
W±0.5
F±1.0
φ d±0.05
HCP-S SERIES
HIGH PULSE CAPACITOR
Metalized Polypropylene
Film Capacitor
● Model numbering system
C
HP
0
5
4V
1 0 4
K
S
Series name
Standard
Type
450WV
630WV
1,000WV
1,250WV
The first two digits stands
for capacitance (pF).
The third digit is for the
number of continuing zero.
K ±10%
Rated Voltage
Capacitance
Tolerance of
Capacitance
Electrical Specifications
Operating Temperature: -40~+85°C
Dimensions (mm)
W
17.0
17.0
17.0
17.0
25.0
25.0
30.0
30.0
30.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
25.0
25.0
25.0
30.0
30.0
30.5
41.0
41.0
25.0
30.5
41.0
17.0
25.0
25.0
25.0
25.0
30.0
30.0
30.5
41.0
41.0
41.0
HT
5.0
5.5
6.5
8.0
6.5
8.0
11.0
11.0
13.5
5.0
5.0
5.0
5.0
5.5
6.5
8.0
8.0
8.0
10.0
11.0
13.5
16.0
15.5
17.5
8.0
16.0
17.5
8.0
6.5
6.5
8.0
10.0
11.0
13.5
16.0
15.5
15.5
17.5
12.0
12.5
13.5
15.0
16.0
17.5
22.0
22.0
24.5
12.0
12.0
12.0
12.0
12.5
13.5
15.0
17.5
17.5
19.5
22.0
24.5
28.0
28.0
32.5
17.5
28.0
32.5
15.0
16.0
16.0
17.5
19.5
22.0
24.5
28.0
28.0
28.0
32.5
F
15.0
15.0
15.0
15.0
22.5
22.5
27.5
27.5
27.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
27.5
27.5
27.5
37.5
37.5
22.5
27.5
37.5
15.0
22.5
22.5
22.5
22.5
27.5
27.5
27.5
37.5
37.5
37.5
d
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
0.8
1.0
1.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
Dissipation
Factor
Test Voltage
Insulation
Resistance
0.001max.
(at 1k±100Hz)
Rated Voltage
×1.75VDC
(2~5sec)
C0.33μF
50,000MΩmin.
(at 20°C, 100VDC)
C>0.33μF
20,000Ω•Fmin.
(at 20°C, 100VDC)
Rated
Voltage
450VDC
630VDC
1000VDC
1250VDC
Model Number
HCP450V473K-S
HCP450V683K-S
HCP450V104K-S
HCP450V154K-S
HCP450V224K-S
HCP450V334K-S
HCP450V474K-S
HCP450V684K-S
HCP450V105K-S
HCP630V103K-S
HCP630V153K-S
HCP630V223K-S
HCP630V333K-S
HCP630V473K-S
HCP630V683K-S
HCP630V104K-S
HCP630V154K-S
HCP630V224K-S
HCP630V334K-S
HCP630V474K-S
HCP630V684K-S
HCP630V105K-S
HCP630V155K-S
HCP630V225K-S
HCP1000V104K-S
HCP1000V474K-S
HCP1000V105K-S
HCP1250V103K-S
HCP1250V153K-S
HCP1250V223K-S
HCP1250V333K-S
HCP1250V473K-S
HCP1250V683K-S
HCP1250V104K-S
HCP1250V154K-S
HCP1250V224K-S
HCP1250V334K-S
HCP1250V474K-S
Capacitance
μF±10%
0.047
0.068
0.1
0.15
0.22
0.33
0.47
0.68
1.0
0.01
0.015
0.022
0.033
0.047
0.068
0.1
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
0.1
0.47
1.0
0.01
0.015
0.022
0.033
0.047
0.068
0.1
0.15
0.22
0.33
0.47
It is possible to use from more than 85°C to 105°C by derating of rated voltage.


Similar Part No. - HCP1250V224K

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
HCP1250V104KS OKAYA-HCP1250V104KS Datasheet
328Kb / 1P
   CAPACITOR
More results

Similar Description - HCP1250V224K

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
HRC2J682J OKAYA-HRC2J682J Datasheet
290Kb / 1P
   HIGH PULSE CAPACITOR
AFV OKAYA-AFV_14 Datasheet
81Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J Datasheet
309Kb / 1P
   HIGH PULSE CAPACITOR
HHC400V104J OKAYA-HHC400V104J Datasheet
302Kb / 1P
   HIGH PULSE CAPACITOR
HRC2J682J OKAYA-HRC2J682J_14 Datasheet
266Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J_14 Datasheet
63Kb / 1P
   HIGH PULSE CAPACITOR
C7NP OKAYA-C7NP_14 Datasheet
102Kb / 3P
   HIGH PULSE CAPACITOR
HHC400V104J OKAYA-HHC400V104J_14 Datasheet
100Kb / 2P
   HIGH PULSE CAPACITOR
C7NP2E104J OKAYA-C7NP2E104J Datasheet
518Kb / 1P
   HIGH PULSE CAPACITOR
logo
Illinois Capacitor, Inc...
107DCN2R7SLB ILLINOISCAPACITOR-107DCN2R7SLB Datasheet
128Kb / 1P
   High pulse power capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com