Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAV091LA Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # RAV091LA
Description  SURGE PROTECTIVE DEVICES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RAV091LA Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  RAV091LA Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
101
R·A·V-L-A (for protecting network line)
RAV was developed to absorb high current surge
such as indirect lighting. specially, the RAV applied
to communication circuits will protect it. The RAV is
suitable for use with equipment which requires high
reliability protection from external surges.
● Response time: 50ns max.
● Life: Possible to absorb 1,000A for 300 times
repeatedly(surge wave form: 8/20μs).
23±3
*10±1.5
23±3
*R·A·V-152L-A=17±1.5
RAV Series
100ns
1μs10μs
1500
1000
500
Response time (T)
R·A·V-621L-A, LD
R·A·V-401L-A, LD
R·A·V-361L-A, LD
R·A·V-221L-A
R·A·V-121L-A
R·A·V-091L-A
● Dimensions
Unit: mm
● Circuit
*¹ Equivalent varistor voltage@1mA
*² Central Value
Electrical Specifications
R·A·V-091L-A
R·A·V-121L-A
R·A·V-181L-A
R·A·V-221L-A
R·A·V-361L-A
R·A·V-401L-A
R·A·V-621L-A
R·A·V-901L-A
R·A·V-152L-A
Model
Number
Clamp Voltage
(V) ±10% *¹
Response Time
(ns)
Peak Surge
Current
8/20μS (A)
90
120
180
220
360
400
620
900
1,500
2,400
Peak Surge
Voltage
1.2/50μS (V)
20,000
50
Capacitance
(pF) max. *²
150
130
100
90
40
30
20
Operating Temp.
Range (°C)
-20 ~ +70
30
R·A·V-L-A SERIES
SURGE PROTECTIVE DEVICES
● V-t Characteristics


Similar Part No. - RAV091LA

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RAV-BWZ-2A OKAYA-RAV-BWZ-2A Datasheet
121Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-3C OKAYA-RAV-BWZ-3C Datasheet
90Kb / 1P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-LD OKAYA-RAV-LD Datasheet
79Kb / 1P
   SURGE PROTECTIVE DEVICES
RAV-LDEZ OKAYA-RAV-LDEZ Datasheet
90Kb / 1P
   SURGE PROTECTIVE DEVICES
More results

Similar Description - RAV091LA

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
   SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
   SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
   SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
   SURGE PROTECTIVE DEVICES
RHCA3216 OKAYA-RHCA3216 Datasheet
159Kb / 2P
   SURGE PROTECTIVE DEVICES
RAM-BWZ OKAYA-RAM-BWZ Datasheet
90Kb / 1P
   SURGE PROTECTIVE DEVICES
RAV-LDF OKAYA-RAV-LDF Datasheet
79Kb / 1P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com