Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R26251BGL Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # R26251BGL
Description  SURGE PROTECTIVE DEVICES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

R26251BGL Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  R26251BGL Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
129
Features
Applications
● Quick response for surge.
● High impulse current capacity.
● It can withstand alternating current.
● Excellent insulation resistance and small
capacitance.
● Recommendation of ITU-T conformity.
● Telephone, PBX, Wireless base station, Optical
transmission equipments, CATV transmission
equipments, Fire alarm systems and Home
security systems. RoHS restriction complied.
● Dimensions
Unit: mm
UL
:UL497B
:UL1449
E139599
E332107
Safety Standard
File No.
25min
25min.
φ 6.0±0.25
5.1±0.2
Electrical Specifications (High Voltage Type)
R26-801-BGL
R26-102-BGL
R26-152-BGL
R26-242-BGL
R26-302-BGL
R26-362-BGL
800
1,000
1,500
2,400
3,000
3,600
Model Number
-
AC1,250V 3s
AC1,500V 60s
AC1,800V 3s
(Conforms to ITU-T)
DC Sparkover
Voltage
500V/s
(V) ±20%
Impulse
Discharge
Current
8/20μs (A)
5,000
1.0
Capacitance
max. (pF)
Withstand
Voltage test
Electrical Specifications (Low Voltage Type)
R26-900-BGL
R26-151-BGL
R26-231-BGL
R26-251-BGL
R26-301-BGL
R26-351-BGL
R26-401-BGL
R26-471-BGL
R26-601-BGL
90
150
230
250
300
350
400
470
600
450
500
600
650
750
800
900
1,300
Model Number
DC Sparkover
Voltage
100V/s ~ 500V/s
(V) ±20%
Impulse
Sparkover
Voltage
100V/μs max. (V)
Impulse
Discharge
Current
8/20μs (A)
5,000
Alternating
Discharge Current
50Hz, 1s
10 times (A)
5
Impulse
Life Test
10/1,000μs
50A (times)
300
104
1.0
Capacitance
max. (pF)
Insulation
Resistance
min. (MΩ)
Safety
Standard
Safety
Standard
-
-
-
-
Ο
Ο
Ο
Ο
Ο
Ο
Ο
Ο
Ο
UL
497B
UL
1449
UL
1449
R26 SERIES
SURGE PROTECTIVE DEVICES
Length
Type of wire
Model numbering system
R2 6
5
31
G
BL
Series Name
DC sparkover
Voltage
Type of taping
351 35X10¹=350V
G
P
5.1mm
7.4mm
B Bulk
L
None
With lead
Without lead
R26
R36
2 electrode arrester
3 electrode arrester
*1
*1
*1
*1
*1
*2
*1
*2
*1
*2
*1
*2
*1
*2
*1
*2
*1
*2
*¹ Rated voltage AC125V: Approved if it is connected to UL approved varistor (V1.0mA≥270V, D≥φ 14mm).
*² Rated voltage AC250V: Approved if it is connected to UL approved varistor (V1.0mA≥470V, D≥φ 14mm).
Impulse
Life Test
8/20μs
500A (times)
300
104
Insulation
Resistance
min. (MΩ)


Similar Part No. - R26251BGL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R262 ONSEMI-R262 Datasheet
241Kb / 28P
   Wideband Voice Capture and Noise Reduction Solution
September, 2012 ??Rev. 0
More results

Similar Description - R26251BGL

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
   SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
   SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
   SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
   SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
   SURGE PROTECTIVE DEVICES
RHCA3216 OKAYA-RHCA3216 Datasheet
159Kb / 2P
   SURGE PROTECTIVE DEVICES
RAM-BWZ OKAYA-RAM-BWZ Datasheet
90Kb / 1P
   SURGE PROTECTIVE DEVICES
RAV-LDF OKAYA-RAV-LDF Datasheet
79Kb / 1P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com