Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE155MX Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # LE155MX
Description  LE104-MX_14
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

LE155MX Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  LE155MX Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13
5.0
6.0
6.5
7.5
7.0
8.5
10.0
13.0
15.5
Rated Voltage
310Vac (UL, cUL: 250Vac)
Features
Applications
Electrical Specifications
Operating Temperature: -55~+110°C
● Dimensions
● Rated voltage 310Vac (UL, cUL 250Vac).
● Class X2 series.
● Operating temperature up to 110°C.
● Smallest size of LE series.
● Designed mainly for suppressing noise occurring
in power line of electrical appliances.
UL
cUL
ENEC
:UL60384-14
:CSA E60384-14
:IEC/EN60384-14
E47474
E47474
SE/0142-1
Safety Standard
File No.
The "ENEC" mark is a common European product certification
mark based on testing to harmonized European safety standard.
The mark with #14 stands for SEMKO.
Safety
Standard
Class
Model
Number
Capacitance
μF±10%
Dimensions
WH
T
F
d
Insulation
Resistance
Test Voltage
LE104-MX
LE154-MX
LE224-MX
LE334-MX
LE474-MX
LE684-MX
LE105-MX
LE155-MX
LE225-MX
0.1
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
17.5
25.5
30.5
27.5
0.8
18.0
21.0
22.5
25.5
16.5
11.0
12.0
14.0
22.5
15.0
Unit: mm
F±0.5
W±0.5
φ d±0.05
● Circuit
LE
MX
Series
name
Supported
mark
Capacitance
● Model numbering system
X2
17.0
0.6
C≤1μF
0.003max.
(f=10kHz)
C≥1.5μF
0.002max.
(f=1kHz)
Line to Line
1,000Vac
50/60Hz 60sec
or
1,870Vdc 60sec
Line to Case
2,100Vac
50/60Hz 60sec
Line to Line
C≤0.33μF
15,000MΩmin.
C≥0.47μF
5,000Ω•Fmin.
Line to Case
100,000MΩmin.
(at 100Vdc)
Dissipation
Factor
LE-MX SERIES
NOISE SUPPRESSION CAPACITOR


Similar Part No. - LE155MX

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LE155M OKAYA-LE155M Datasheet
75Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com