Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1H4 Datasheet(PDF) 1 Page - Dc Components

Part # 1H4
Description  TECHINCAL SPECIFICATIONS OF MINIATURE HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

1H4 Datasheet(HTML) 1 Page - Dc Components

  1H4 Datasheet HTML 1Page - Dc Components 1H4 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QDBGLHB@J PNDBHEHB@QHMLP ME KHLH@QROD GHFG DEEHBHDLBV ODBQHEHDO
SMJQ@FD O@LFD 2 94 ie 5444 Sebih
BROODLQ 2 534 @cf\g\
ODBQHEHDO PNDBH@JHPQP
O
DC COMPONENTS CO., LTD.
ED@QRODP
/ Jel fel\g behh1 _`^_ \]]`Z`\dZn
/ Jel b\XaX^\
/ Jel ]eglXg[ kebiX^\
/ G`^_ Zjgg\di ZXfXY`b`in
/ G`^_ hf\\[ hl`iZ_`d^
/ G`^_ hjg^\ ZXfXY`b`in
/ G`^_ g\b`XY`b`in
KDBG@LHB@J C@Q@
/ BXh\> Keb[\[ fbXhi`Z
/ Dfemn> RJ =8S24 gXi\ ]bXc\ g\iXg[Xdi
/ J\X[> KHJ2PQC2646D1 K\i_e[ 64< ^jXgXdi\\[
/ NebXg`in> Bebeg YXd[ [\dei\h ZXi_e[\ \d[
/ Kejdi`d^ feh`i`ed> @dn
/ T\`^_i> 4356 ^gXc
O25
C`c\dh`edh `d `dZ_\h Xd[ -c`bb`c\i\gh.
5G5
QGOR
5G<
K@UHKRK O@QHLFP @LC DJDBQOHB@J BG@O@BQDOHPQHBP
OXi`d^h Xi 69e B XcY`\di i\cf\gXijg\ jdb\hh ei_\gl`h\ hf\Z`]`\[3
P`d^b\ f_Xh\1 _Xb] lXk\1 :4 Go1 g\h`hi`k\ eg `d[jZi`k\ beX[3
Eeg ZXfXZ`i`k\ beX[1 [\gXi\ Zjgg\di Yn 64,3
KXm`cjc O\Zjgg\di N\Xa O\k\gh\ SebiX^\
KXm`cjc OKP SebiX^\
KXm`cjc CB AbeZa`d^ SebiX^\
KXm`cjc @k\gX^\ EeglXg[ O\Zi`]`\[ Bjgg\di
Xi Q@?69eB
N\Xa EeglXg[ Pjg^\ Bjgg\di <37 ch h`d^b\ _Xb] h`d\2lXk\
hjf\g`cfeh\[ ed gXi\[ beX[ -IDCDB K\i_e[.
PVKAMJ
SOOK
SCB
HM
HEPK
SOKP
@cfh
534
69
@cfh
5G5
5G6
5G7
5G8
5G9
5G:
5G<
RLHQP
644
5G;
94
79
94
544
;4
544
584
644
744
654
744
844
6<4
844
:44
864
:44
5444
;44
5444
<44
9:4
<44
Sebih
Sebih
Sebih
LMQDP > 53 Q\hi Bed[`i`edh> HE ? 439@1 HO ? 534@1 HOO ? 4369@
63 K\Xhjg\[ Xi 5 KGW Xd[ Xffb`\[ g\k\gh\ kebiX^\ e] 834 kebih
Xi OXi\[ CB AbeZa`d^ SebiX^\ Q@ ?69eB
KXm`cjc Ejbb JeX[ O\k\gh\ Bjgg\di
@k\gX^\1 Ejbb BnZb\ 37;9p-=39cc. b\X[ b\d^i_ Xi QJ ?99eB
KXm`cjc O\k\gh\ O\Zek\gn Q`c\ -Lei\ 5.
SE
HO
igg
934
544
;9
j@cfh
j@cfh
dP\Z
KXm`cjc CB O\k\gh\ Bjgg\di
KXm`cjc HdhiXdiXd\ejh EeglXg[ SebiX^\ Xi 534@ CB
Sebih
537
53;
Qnf`ZXb IjdZi`ed BXfXZ`iXdZ\ -Lei\ 6.
Mf\gXi`d^ Xd[ PiegX^\ Q\cf\gXijg\ OXd^\
BI
QI1QPQF
2:9ie0594
fE
4
B
56
534
94
59
~*
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - 1H4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1H4 WTE-1H4 Datasheet
46Kb / 3P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Goodwork Semiconductor ...
1H4 GWSEMI-1H4 Datasheet
69Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
1H4 SAMYANG-1H4 Datasheet
464Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
1H4 RECTRON-1H4 Datasheet
27Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shanghai Shunye Electro...
1H4 SHUNYE-1H4 Datasheet
233Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - 1H4

ManufacturerPart #DatasheetDescription
logo
Dc Components
HER101 DCCOM-HER101 Datasheet
447Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER301 DCCOM-HER301 Datasheet
486Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER501 DCCOM-HER501 Datasheet
450Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER801 DCCOM-HER801 Datasheet
463Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER151 DCCOM-HER151 Datasheet
485Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER3001 DCCOM-HER3001 Datasheet
540Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER1601 DCCOM-HER1601 Datasheet
524Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER201 DCCOM-HER201 Datasheet
490Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HSM101 DCCOM-HSM101 Datasheet
450Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1H1 KOOCHIN-1H1 Datasheet
370Kb / 2P
   MINIATURE HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com