Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-31104-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-31104-2
Description  Insulated, Stackable Banana Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-31104-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-31104-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
BU-31104-*
(Insulated, Stackable Banana Plug)
DESCRIPTION:
The BU-31104-* is a fully insulated, stackable 4mm Banana plug. It can be plugged into any
standard 4mm banana jack that accepts shrouded banana plugs. The Jack end will accept any
shrouded, un-shrouded, or retractable 4mm banana. This part is designed to be soldered to
wire from 16-22 AWG and then simply snaps together. The banana plug has a plastic safety
tip.
MATERIAL:
Banana:
Nickel plated beryllium copper
Insulator:
Polypropylene
Size:
Length = 2.1” (53mm), Width = .73” (19mm), Height = .45” (11mm)
Ratings:
20 Amps, Hands free testing up to 1,000 VRMS.
Colors:
* In part number indicates color: -0 Black, -2 Red
RoHS Compliant


Similar Part No. - BU-31104-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-31 ETC2-BU-31 Datasheet
144Kb / 1P
   Insulator for BU??0BL AND BU??0TBO Series Alligator Clips
BU-31-0 ETC2-BU-31-0 Datasheet
1Mb / 1P
   Insulator for Mini Alligator Clip
BU-31-0 ETC2-BU-31-0 Datasheet
144Kb / 1P
   Insulator for BU??0BL AND BU??0TBO Series Alligator Clips
BU-31-2 ETC2-BU-31-2 Datasheet
1Mb / 1P
   Insulator for Mini Alligator Clip
BU-31-2 ETC2-BU-31-2 Datasheet
144Kb / 1P
   Insulator for BU??0BL AND BU??0TBO Series Alligator Clips
More results

Similar Description - BU-31104-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-2030-A-12-0 ETC2-BU-2030-A-12-0 Datasheet
64Kb / 1P
   Insulated Alligator Clip to Stackable Banana Plug
BU-00249-0 ETC2-BU-00249-0 Datasheet
49Kb / 1P
   Stackable Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
   SOLDERLESS STACKABLE BANANA PLUG
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
   Unshrouded Stackable Banana Plug
logo
Pomona Electronics
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-7 3M-1825-7 Datasheet
163Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
Pomona Electronics
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
List of Unclassifed Man...
BU-1120-A-60-0 ETC2-BU-1120-A-60-0 Datasheet
65Kb / 1P
   Mini-plunger to Stackable Banana Plug
BU-2020-A-60-0 ETC2-BU-2020-A-60-0 Datasheet
64Kb / 1P
   Stackable Banana Plug on Both End
logo
3M Electronics
1825-5 3M-1825-5 Datasheet
76Kb / 1P
   Standard Banana Plug, Solderless and Stackable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com