Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXT438124 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AXT438124
Description  Narrow pitch connectors (0.4mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT438124 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AXT438124 Datasheet HTML 5Page - Panasonic Semiconductor AXT438124 Datasheet HTML 6Page - Panasonic Semiconductor AXT438124 Datasheet HTML 7Page - Panasonic Semiconductor AXT438124 Datasheet HTML 8Page - Panasonic Semiconductor AXT438124 Datasheet HTML 9Page - Panasonic Semiconductor AXT438124 Datasheet HTML 10Page - Panasonic Semiconductor AXT438124 Datasheet HTML 11Page - Panasonic Semiconductor AXT438124 Datasheet HTML 12Page - Panasonic Semiconductor AXT438124 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT3, 4
ACCTB14E 201303-T
TABLE OF PRODUCT TYPES
✩: Available for sale
Notes: 1. You can use with each mated height in common.
2. The pickup surface shape of the inspection sockets is different from that of the standard sockets. (For details, refer to the product specification diagram.)
3. Please inquire about number of pins other than those shown above.
4. Please inquire with us regarding availability.
5. Please keep the minimum order quantities no less than 50 pieces per lot.
6. Please inquire if further information is needed.
PRODUCT TYPES
Notes: 1. When placing an order, substitute the “
∗” (asterisk) in the above part number with the number of pins for the specific connector.
2. The above part numbers are for connectors without positioning bosses, which are standard. When ordering connectors with positioning bosses, please contact our
sales office.
For board-to-board For board-to-FPC
P4S Series
Connectors for
inspection usage
(0.4mm pitch)
Product name
Number of pins
P4S
for inspection
10
16
20
22
24
26
30
32
34
36
38
40
44
50
54
60
70
80
90
100
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
Specifications
Part No.
Specifications
Part No.
Socket
With pickup cover
Without positioning bosses
AXT3E
∗∗66
Header
With pickup cover
Without positioning bosses
AXT4E
∗∗66
No pickup cover
Without positioning bosses
AXT3E
∗∗26
No pickup cover
Without positioning bosses
AXT4E
∗∗26
FEATURES
1. 3,000 mating and unmating cycles
2. Same external dimensions and foot
pattern as standard type.
3. Improved mating
Insertion and removal easy due to a
reduction in mating retention force. This
is made possible by a simple locking
structure design.
Note: Mating retention force cannot be
warranted.
APPLICATIONS
Ideal for module unit inspection and
equipment assembly inspection
Socket
Header
RoHS compliant


Similar Part No. - AXT438124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT438124 PANASONIC-AXT438124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results

Similar Description - AXT438124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com