Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXT438124 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXT438124
Description  Narrow pitch connectors (0.4mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT438124 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AXT438124 Datasheet HTML 3Page - Panasonic Semiconductor AXT438124 Datasheet HTML 4Page - Panasonic Semiconductor AXT438124 Datasheet HTML 5Page - Panasonic Semiconductor AXT438124 Datasheet HTML 6Page - Panasonic Semiconductor AXT438124 Datasheet HTML 7Page - Panasonic Semiconductor AXT438124 Datasheet HTML 8Page - Panasonic Semiconductor AXT438124 Datasheet HTML 9Page - Panasonic Semiconductor AXT438124 Datasheet HTML 10Page - Panasonic Semiconductor AXT438124 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT3, 4
ACCTB14E 201303-T
4. Header (Mated height: 3.0mm)
• Without pickup cover
General tolerance:
±0.2
0.08
2.24
0.15
±0.03
C
±0.1
0.40
±0.05
A
0.15
±0.03
B
±0.1
R
0.20
(Post and
soldering terminals)
Terminal coplanarity
Soldering terminals
Dimension table (mm)
Number of pins/
dimension
A
B
C
D
20
5.90
3.60
5.20
30
7.90
5.60
7.20
9.40
60
13.90 11.60 13.20
80
17.90 15.60 17.20 19.40
100
21.90 19.60 21.20
CAD Data
• With pickup cover
General tolerance:
±0.2
Note: The soldering terminals dimensions of headers with mated heights of 1.5mm/2.5mm and 2.0mm/3.0mm are different.
0.08
X
X
Soldering terminals
Pickup cover
2.64
A
(Post and
soldering terminals)
Terminal coplanarity
0.15
±0.03
C
±0.1
0.40
±0.05
D
0.15
±0.03
B
±0.1


Similar Part No. - AXT438124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT438124 PANASONIC-AXT438124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results

Similar Description - AXT438124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com