Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC53 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # HC53
Description  Dual Frequency Selectable Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HC53 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  HC53 Datasheet HTML 1Page - EUROQUARTZ limited HC53 Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
5 x 3.2mm SMD Dual Frequency Selectable Oscillator
HC53 oscillators provide a selectable dual frequency output. With pad
1 (FSEL) presented with logic '0' the first frequency is output on pad 3.
With pad 1 presented with logic '1' the second frequency is output.
Pad 1 (FSEL) has an internal pull-up resistor connected.
Dual frequency, digitally selectable
Miniature 5.0 x 3.2mm package
Frequency Range 1.0MHz to 200MHz
Low supply current
Supply voltage range, 1.8, 2.5V or 3.3 Volts
FEATURES
OUTLINE & DIMENSIONS
Power Supply Voltage:
+1.8V, +2.5V or +3.3 VDC±5%
Frequency
Vdd = +1.8V: Option 1/2 = 1MHz to 133MHz
Vdd = +2.5V: Option 1/2 = 1MHz to 166MHz
Vdd = +3.3V: Option 1/2 = 1MHz to 200MHz
Package:
5.0 x 3.2mm Ceramic Leadless SMD
Frequency Stability over Temperature*
-10° to +70°C: ±15ppm, ±25ppm, or ±50ppm
-40° to +85°C: ±25ppm, ±50ppm, ±100ppm
Output Load:
15pF max (CMOS)
Current Consumption:
From 4mA to 50mA
Duty Cycle:
50%±5%.
Measured at 50%Vdd, CL = 15pF
High Level Output Voltage (VOH)
(Vdd = +3.3V): 2.90V min., condition IOH = -4mA
Low Level Output Voltage (VOL)
(Vdd = +3.3V): 0.40V max., condition IOL = +4mA
Rise Time (tr):
2.5ns max., 0.1Vdd to 0.9Vdd
15pF load, 3.3 V supply
Fall Time (tf):
2.5ns max., 0.9Vdd to 0.1Vdd
15pF load, 3.3 V supply
Pad 1 Frequency Selection (FSEL)
FSEL = 0:
Output frequency is Option 1
FSEL = 1:
Output frequency is Option 2
Start-Up Time:
10ms maximum
Ageing:
±5ppm max. first year
<±2ppm per year thereafter
Tape & Reel
16mm tape, 180mm reel
1000 pieces per reel
SPECIFICATION
ENVIRONMENTAL SPECIFICATION
HC53 Oscillators
DESCRIPTION
RoHS Status:
RoHS Compliant and pB free
Moisture Sensitivity Level:
Level 1 (Infinite) according to
IPC/JEDEC J-STD-020D.1
Operating Temperature Range:
-10° to +70°C or -40° to +85°C
Storage Temperature Range:
-55° to +125°C
Humidity:
85% RH, 85°C, 48 hours
Fine Leak:
MIL-STD-883, method 1014
Condition A
Gross Leak:
MIL-STD-883, method 1014
Condition C
Solderability:
MIL-STD-202F method 208E
Reflow:
260°C for 10 seconds
Vibration:
MIL-STD-202F method 204
35g , 50 to 2000Hz.
Shock:
MIL-STD-202F method 213B
test cond. E, 1000g ½ sinewave
Resistance to Solvents:
MIL-STD-202, method 215
Temperature Cycling:
MIL-STD-883, method 1010
ESD Rating:
2kV max. Human body model
Pad Surface Finish:
Gold (Au 0.3%µm min.) over
nickel (N 1.27µm to 8.89µm)
Total Weight:
65mg per unit typical
Page 1 of 2


Similar Part No. - HC53

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
   Octal 3-State Inverting D Flip-Flop
logo
Connor-Winfield Corpora...
HC53R5 CONNOR-WINFIELD-HC53R5 Datasheet
55Kb / 1P
   HCMOS/TTL COMPATIBLE
HC53RA CONNOR-WINFIELD-HC53RA Datasheet
59Kb / 1P
   3.3V, 14 PIN DIP HCMOS ENABLE/DISABLE
More results

Similar Description - HC53

ManufacturerPart #DatasheetDescription
logo
TEMEX
RCX7050P TEMEX-RCX7050P Datasheet
748Kb / 7P
   SMD Selectable Frequency Crystal Oscillator
logo
Integrated Circuit Syst...
M685 ICST-M685 Datasheet
281Kb / 7P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M660-02 ICST-M660-02 Datasheet
199Kb / 4P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Integrated Device Techn...
M685 IDT-M685 Datasheet
120Kb / 7P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Integrated Circuit Syst...
M660 ICST-M660 Datasheet
59Kb / 1P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
TEMEX
RCV7050P TEMEX-RCV7050P Datasheet
751Kb / 8P
   SMD Selectable Frequency Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
SG-8503CA EPSONTOYOCOM-SG-8503CA Datasheet
498Kb / 2P
   Dual or Quad Selectable Programmable Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
   Selectable frequency SYNTHESIZER
FCPL65120-10 SYNERGY-FCPL65120-10 Datasheet
427Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL3644-26 SYNERGY-FCPL3644-26 Datasheet
419Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com