Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQXO-2100BM Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # EQXO-2100BM
Description  8 pin Dual-in-Line MIL SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EQXO-2100BM Datasheet(HTML) 2 Page - EUROQUARTZ limited

  EQXO-2100BM Datasheet HTML 1Page - EUROQUARTZ limited EQXO-2100BM Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
Page 2 of 2
WK00032A
32.7680kHz
±100ppm -55~+125°C
WK00080A
80.0000kHz
±100ppm -55~+125°C
WK00100A
100.000kHz
±100ppm -55~+125°C
WK00307A
307.200kHz
±100ppm -55~+125°C
WK00500A
500.000kHz
±100ppm -55~+125°C
WK01000A
1.00000MHz
±100ppm -55~+125°C
WK01228A
1.22880MHz
±100ppm -55~+125°C
WK03686A
3.68640MHz
±100ppm -55~+125°C
WK04915A
4.91520MHz
±100ppm -55~+125°C
WK06000A
6.00000MHz
±100ppm -55~+125°C
WK06400A
6.40000MHz
±100ppm -55~+125°C
WK08000A
8.00000MHz
±100ppm -55~+125°C
WK09216A
9.21600MHz
±100ppm -55~+125°C
WK10000A
10.0000MHz
±100ppm -55~+125°C
WK12000A
12.0000MHz
±100ppm -55~+125°C
WK14745A
14.7456MHz
±100ppm -55~+125°C
WK15375A
15.3750MHz
±100ppm -55~+125°C
WK16000A
16.0000MHz
±100ppm -55~+125°C
WK18000A
18.0000MHz
±100ppm -55~+125°C
WK20000A
20.0000MHz
±100ppm -55~+125°C
WK24000A
24.0000MHz
±100ppm -55~+125°C
WM025A00
25.0000MHz
±100ppm -55~+125°C
WM030A00
30.0000MHz
±100ppm -55~+125°C
WM032A00
32.0000MHz
±100ppm -55~+125°C
WM033A33
33.3330MHz
±100ppm -55~+125°C
WM040A00
40.0000MHz
±100ppm -55~+125°C
WM050Z00
50.0000MHz
±100ppm -55~+125°C
WM064Z00
64.0000MHz
±100ppm -55~+125°C
Stock Number
Frequency
Specification
STANDARD FREQUENCIES & SPECIFICATIONS
FOR EQXO-2100BM OSCILLATORS
QUALIFICATION APPROVAL &
ENVIRONMENTAL SPECIFICATION
Vibration:
10Hz to 60Hz, 0.75mm displacement,
60Hz to 2000Hz, 98.1m/s2 acceleration
30 minutes in each of three mutually-
perpendicular planes.
Shock:
981 m/s2 for 6ms, three shocks in each
direction along three mutually-
perpendicular planes.
Thermal Shock:
MIL-STD-202 Method 107
Storage Temperature:
-55°C for 24 hrs., then +150°C, 24 hrs.
Moisture Resistance:
85% Relative Humidity at 85°C for 24hrs.
Seal:
Fine leak not to exceed 1x10-8mB litres
of helium leakage, then Gross Leak Test.
Terminal Strength:
MIL-STD-202 Method 211
Solerability:
MIL-STD-202 Method 208
SCREENING
Screening in accordance with MIL-O-55310C Class B.
All devices are 100% tested to the following conditions:
Stabilization Bake:
Vacuum storage at 150°C for 24 hrs.
Temperature Cycling:
-55°C to +125°C, 10 cycles
Constant Acceleration:
49000m/s2 for 1 minute inY1 plane.
Seal:
Fine leak not to exceed 1x10-8mB litres
of helium leakage, then Gross Leak Test.
Dynamic Burn-in:
125°C for 168hrs.
Electrical Test:
Frequency, output waveform, output
Voltage/power, input current/power.
RADIATION TOLERANT VERSIONS
Radiation tolerant versions of EQXO-2000BM series oscillators have
been designed and are manufactured to ensure no functional failures
will occur in any electrical test for a total radiation dose of 40krad(Si).
EQXO-2000BM series oscillators so manufactured have the letter 'H'
appended to the 'BM' in the part number suffix:
20.000MHz EQXO2100BMH
A paper is available describing the general problems encountered in
the design of electrical systems needing to withstand radiation
encountered in the upper atmosphere and space.
8 pin Dual-in-Line MIL SPECIFICATION
EQXO-2000BM OSCILLATORS
30kHz to 70MHz


Similar Part No. - EQXO-2100BM

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQXO-2100UC-GW EUROQUARTZ-EQXO-2100UC-GW Datasheet
108Kb / 1P
   8 pin Dual-in-Line Gull-Wing Clock Ocillators
EQXO-2100UI-GW EUROQUARTZ-EQXO-2100UI-GW Datasheet
108Kb / 1P
   8 pin Dual-in-Line Gull-Wing Clock Ocillators
EQXO-2100UIE-GW EUROQUARTZ-EQXO-2100UIE-GW Datasheet
108Kb / 1P
   8 pin Dual-in-Line Gull-Wing Clock Ocillators
More results

Similar Description - EQXO-2100BM

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQXO-2000BM EUROQUARTZ-EQXO-2000BM Datasheet
84Kb / 2P
   8 pin Dual-in-Line MIL SPECIFICATION
EQXO-1000BM EUROQUARTZ-EQXO-1000BM Datasheet
145Kb / 2P
   14 pin Dual-in-Line MIL SPECIFICATION
EQXO1000BM EUROQUARTZ-EQXO1000BM Datasheet
183Kb / 2P
   14 pin Dual-in-Line MIL SPECIFICATION
G8 EUROQUARTZ-G8 Datasheet
113Kb / 2P
   8 pin Dual-in-Line
HPF8 EUROQUARTZ-HPF8 Datasheet
215Kb / 1P
   8 pin Dual-in-Line
GF8 EUROQUARTZ-GF8 Datasheet
203Kb / 1P
   8 pin Dual-in-Line
GDA8 EUROQUARTZ-GDA8 Datasheet
114Kb / 1P
   8 pin Dual-in-Line
HPA8 EUROQUARTZ-HPA8 Datasheet
215Kb / 1P
   8 pin Dual-in-Line
GV8 EUROQUARTZ-GV8 Datasheet
203Kb / 1P
   8 pin Dual-in-Line
HDW8 EUROQUARTZ-HDW8 Datasheet
101Kb / 1P
   8 pin Dual-in-Line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com