Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXT390124 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXT390124
Description  Narrow pitch connectors (0.4mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT390124 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AXT390124 Datasheet HTML 4Page - Panasonic Semiconductor AXT390124 Datasheet HTML 5Page - Panasonic Semiconductor AXT390124 Datasheet HTML 6Page - Panasonic Semiconductor AXT390124 Datasheet HTML 7Page - Panasonic Semiconductor AXT390124 Datasheet HTML 8Page - Panasonic Semiconductor AXT390124 Datasheet HTML 9Page - Panasonic Semiconductor AXT390124 Datasheet HTML 10Page - Panasonic Semiconductor AXT390124 Datasheet HTML 11Page - Panasonic Semiconductor AXT390124 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT3, 4
ACCTB14E 201303-T
EMBOSSED TAPE DIMENSIONS (unit: mm, Common for respective contact type, socket and header)
Dimension table (mm)
Connector orientation with respect to direction of progress of embossed tape
Mated height
Number of pins
Type of taping
A
B
C
D
Quantity per reel
Socket
(with/without pickup cover)
Header
(without pickup cover)
Header
(with pickup cover)
Common for
socket and header:
1.5mm, 2.0mm,
2.5mm and 3.0mm
Max. 24
Max. 24
Tape I
16.00
7.50
17.50
3,000
26 to 70
26 to 64
Tape I
24.00
11.50
25.50
3,000
72 to 100
66 to 90
Tape II
32.00
28.40
14.20
33.50
3,000
100
Tape II
44.00
40.40
20.20
45.50
3,000
Header
Socket
Header
Socket
Header
Socket
Header
Socket
Socket and Header are mated
• Tape dimensions (Conforming to JIS C 0806:1990.
However, some tapes have mounting hole pitches that do
not comply with the standard.)
Tape I
Tape II
1.75
C
8.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
8.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
• Plastic reel dimensions (Conforming to EIAJ ET-7200B)
D
±1
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
Label
Type
Direction of
tape progress
Common for P4S
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.


Similar Part No. - AXT390124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT390124 PANASONIC-AXT390124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results

Similar Description - AXT390124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com