Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXT360124 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXT360124
Description  Narrow pitch connectors (0.4mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT360124 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXT360124 Datasheet HTML 1Page - Panasonic Semiconductor AXT360124 Datasheet HTML 2Page - Panasonic Semiconductor AXT360124 Datasheet HTML 3Page - Panasonic Semiconductor AXT360124 Datasheet HTML 4Page - Panasonic Semiconductor AXT360124 Datasheet HTML 5Page - Panasonic Semiconductor AXT360124 Datasheet HTML 6Page - Panasonic Semiconductor AXT360124 Datasheet HTML 7Page - Panasonic Semiconductor AXT360124 Datasheet HTML 8Page - Panasonic Semiconductor AXT360124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT3, 4
ACCTB14E 201303-T
PRODUCT TYPES
Notes: 1. Regarding ordering units; During production: Please make orders in 1-reel units.
Samples for mounting confirmation: Available in units of 50 pieces. Please contact our sales office.
Samples: Small lot orders are possible. Please consult us.
2. If you require the pickup cover, change the eighth digit of the part number from “2” to “6” in your order. Note that the pickup cover is not available for some types
depending on the number of pins. Check the latest product specifications.
3. The above part numbers are for connectors without positioning bosses, which are standard. When ordering connectors with positioning bosses, please contact our
sales office.
Mated height
Number of pins
Part number
Packing
Socket
Header
Inner carton
Outer carton
1.5mm
10
AXT310124
AXT410124
3,000 pieces
6,000 pieces
16
AXT316124
AXT416124
20
AXT320124
AXT420124
22
AXT322124
AXT422124
24
AXT324124
AXT424124
26
AXT326124
AXT426124
30
AXT330124
AXT430124
32
AXT332124
AXT432124
34
AXT334124
AXT434124
36
AXT336124
AXT436124
38
AXT338124
AXT438124
40
AXT340124
AXT440124
44
AXT344124
AXT444124
46
AXT346124
AXT446124
50
AXT350124
AXT450124
54
AXT354124
AXT454124
60
AXT360124
AXT460124
64
AXT364124
AXT464124
70
AXT370124
AXT470124
80
AXT380124
AXT480124
90
AXT390124
AXT490124
100
AXT300124
AXT400124
2.0mm
40
AXT340124
AXT440224
3,000 pieces
6,000 pieces
90
AXT390124
AXT490224
100
AXT300124
AXT400224
2.5mm
20
AXT320224
AXT420124
3,000 pieces
6,000 pieces
30
AXT330224
AXT430124
40
AXT340224
AXT440124
60
AXT360224
AXT460124
80
AXT380224
AXT480124
100
AXT300224
AXT400124
3.0mm
20
AXT320224
AXT420324
3,000 pieces
6,000 pieces
30
AXT330224
AXT430324
60
AXT360224
AXT460324
80
AXT380224
AXT480324
100
AXT300224
AXT400324


Similar Part No. - AXT360124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT360124 PANASONIC-AXT360124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results

Similar Description - AXT360124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com