Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXH010A0G-SR Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # AXH010A0G-SR
Description  Austin LynxTM SMT Non-Isolated dc-dc Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH010A0G-SR Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button AXH010A0G-SR Datasheet HTML 5Page - Lineage Power Corporation AXH010A0G-SR Datasheet HTML 6Page - Lineage Power Corporation AXH010A0G-SR Datasheet HTML 7Page - Lineage Power Corporation AXH010A0G-SR Datasheet HTML 8Page - Lineage Power Corporation AXH010A0G-SR Datasheet HTML 9Page - Lineage Power Corporation AXH010A0G-SR Datasheet HTML 10Page - Lineage Power Corporation AXH010A0G-SR Datasheet HTML 11Page - Lineage Power Corporation AXH010A0G-SR Datasheet HTML 12Page - Lineage Power Corporation AXH010A0G-SR Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Lineage Power
9
Data Sheet
March 28, 2008
3.0 Vdc - 5.5 Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
Austin LynxTM SMT Non-Isolated dc-dc Power Modules:
Design Considerations (continued)
Input Source Impedance (continued)
The power module should be connected to a low ac-imped-
ance input source. Highly inductive source impedances can
affect the stability of the module. An input capacitance must
be placed close to the input pins of the module, to filter ripple
current and ensure module stability in the presence of induc-
tive traces that supply the input voltage to the module.
Safety Considerations
For safety-agency approval of the system in which the power
module is used, the power module must be installed in com-
pliance with the spacing and separation requirements of the
end-use safety agency standard, i.e., UL60950, CSA C22.2
No. 60950-00, and VDE 0805:2001-12 (IEC60950, 3rd Ed).
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the input
must meet SELV requirements.
The power module has extra-low voltage (ELV) outputs when
all inputs are ELV.
The input to these units is to be provided with a maximum 20
A time-delay fuse in the ungrounded lead.


Similar Part No. - AXH010A0G-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH010A0G LINEAGEPOWER-AXH010A0G Datasheet
194Kb / 15P
   3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
AXH010A0G LINEAGEPOWER-AXH010A0G Datasheet
376Kb / 15P
   Compatible with RoHS EU Directive 200295/EC (-Z Versions)
AXH010A0GZ LINEAGEPOWER-AXH010A0GZ Datasheet
194Kb / 15P
   3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
AXH010A0GZ LINEAGEPOWER-AXH010A0GZ Datasheet
376Kb / 15P
   Compatible with RoHS EU Directive 200295/EC (-Z Versions)
More results

Similar Description - AXH010A0G-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
Lineage Power Corporati...
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
NSR003A0X LINEAGEPOWER-NSR003A0X_10 Datasheet
482Kb / 20P
   Naos Raptor 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
   Naos Raptor 6A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com