Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXH010A0Y-SR Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # AXH010A0Y-SR
Description  Austin LynxTM SMT Non-Isolated dc-dc Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH010A0Y-SR Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button AXH010A0Y-SR Datasheet HTML 3Page - Lineage Power Corporation AXH010A0Y-SR Datasheet HTML 4Page - Lineage Power Corporation AXH010A0Y-SR Datasheet HTML 5Page - Lineage Power Corporation AXH010A0Y-SR Datasheet HTML 6Page - Lineage Power Corporation AXH010A0Y-SR Datasheet HTML 7Page - Lineage Power Corporation AXH010A0Y-SR Datasheet HTML 8Page - Lineage Power Corporation AXH010A0Y-SR Datasheet HTML 9Page - Lineage Power Corporation AXH010A0Y-SR Datasheet HTML 10Page - Lineage Power Corporation AXH010A0Y-SR Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Lineage Power
7
Data Sheet
March 28, 2008
3.0 Vdc - 5.5 Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
Austin LynxTM SMT Non-Isolated dc-dc Power Modules:
Characteristic Curves
The following figures provide typical characteristics curves at room temperature (TA = 25 °C)
Figure 13. Typical Transient Response to Step Load
Change at 2.5 A/µs from 100% to 50% of
IO,max at 3.3 V Input
(COUT = 1 µF ceramic, 10 µF Tantalum).
Figure 14. Typical Transient Response to Step Load
Change at 2.5 A/µs from 50% to 100% of
IO,max at 3.3 V Input
(COUT = 1 µF ceramic, 10 µF Tantalum).
TIME, t (5 µs/div)
TIME, t (5 µs/div)


Similar Part No. - AXH010A0Y-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH010A0Y LINEAGEPOWER-AXH010A0Y Datasheet
194Kb / 15P
   3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
AXH010A0Y LINEAGEPOWER-AXH010A0Y Datasheet
376Kb / 15P
   Compatible with RoHS EU Directive 200295/EC (-Z Versions)
AXH010A0YZ LINEAGEPOWER-AXH010A0YZ Datasheet
194Kb / 15P
   3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
AXH010A0YZ LINEAGEPOWER-AXH010A0YZ Datasheet
376Kb / 15P
   Compatible with RoHS EU Directive 200295/EC (-Z Versions)
More results

Similar Description - AXH010A0Y-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
Lineage Power Corporati...
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
NSR003A0X LINEAGEPOWER-NSR003A0X_10 Datasheet
482Kb / 20P
   Naos Raptor 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
   Naos Raptor 6A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com