Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB917BOC Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB917BOC
Description  Photologic창 Slotted Op tical Switches Type OPB917 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB917BOC Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB917BOC Datasheet HTML 1Page - OPTEK Technologies OPB917BOC Datasheet HTML 2Page - OPTEK Technologies OPB917BOC Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type OPB917 Series
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN TYP
MAX UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
1.30
1.80
V
IF = 20 mA
IR
Reverse Current
100
µA
VR = 2 V
Phototransistor
VCC
Operating D.C. Supply Voltage
4.5
16.0
V
ICCL
Low Level Supply Current:
OPB917B and OPB917BOC
7.0
mA
VCC = 16 V, IF = 0 mA
(4)
No Output Load
OPB917
I and OPB917IOC
7.0
mA
VCC = 16 V, IF = 10 mA
No Output Load
ICCH
High Level Supply Current:
OPB917B and OPB917BOC
6.0
mA
VCC = 16 V, IF = 10 mA
No Output Load
OPB917
I and OPB917IOC
6.0
mA
VCC = 16 V, IF = 0 mA
(4)
No Output Load
Low Level Output Voltage:
OPB917B
0.4
V
VCC = 4.5 to 16 V, IF = 0 mA
(4)
No Output Load
VOL
OPB917BOC
0.4
V
VCC = 4.5 to 16 V, IF = 0 mA
(4), IOL = 16 mA
No Output Load
OPB917
I
0.4
V
VCC = 4.5 to 16 V, IF = 10 mA
No Output Load
OPB917
IOC
0.4
V
VCC = 4.5 to 16 V, IF = 10 mA, IOL = 16 mA
No Output Load
VOH
Low Level Output Voltage:
OPB917B
2.4
vcc -1.5
V
VCC = 4.5 to 16 V, IF = 10 mA
No Output Load
OPB917
I
2.4
vcc -1.5
V
VCC = 4.5 to16 V, IF = 0 mA
(4),
No Output Load
IOH
High Level Output Current:
OPB917BOC
1.0
14
µA
VCC = 4.5 V, VOH = 30 V, IF = 10 mA
OPB917
IOC
1.0
14
µA
VCC = 4.5 V, VOH = 30 V, IF = 0 mA
IF(+)
LED Positive-Going Threshold
Current:
OPB917B and OPB917
I
5
10
mA
VCC = 5 V
No Output Load
OPB917BOC and OPB917
IOC
5
10
mA
VCC = 5 V, IOL = 16 mA
No Output Load
IF(+)/IF(-) Hysteresis
1.5
tr, tf
Rise Time, Fall Time
50
ns
VCC = 5 V, IF = 0 or 10 mA
RL = 300 Ω to 5 V, CL = 50 pF
tPLH, tPHL
Propagation Delay Low-High &
High-Low
3.0
µs
38


Similar Part No. - OPB917BOC

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB917BOCZ TTELEC-OPB917BOCZ Datasheet
828Kb / 5P
   Slotted Optical Switch
More results

Similar Description - OPB917BOC

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB355 OPTEK-OPB355 Datasheet
201Kb / 3P
   Slotted Op tical Switches
OPB816 OPTEK-OPB816 Datasheet
47Kb / 2P
   Slotted Op tical Switch
OPB817 OPTEK-OPB817 Datasheet
107Kb / 2P
   Slotted Op tical Switch
OPB819 OPTEK-OPB819 Datasheet
102Kb / 2P
   Slotted Op tical Switch
OPB621 OPTEK-OPB621 Datasheet
46Kb / 2P
   Slotted Op tical Switch
OPB380 OPTEK-OPB380 Datasheet
1Mb / 4P
   Slotted Op ti cal Switches
OPB360 OPTEK-OPB360 Datasheet
1Mb / 4P
   Slotted Op ti cal Switches
OPB828 OPTEK-OPB828 Datasheet
252Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB845A OPTEK-OPB845A Datasheet
230Kb / 2P
   Slotted Optical Switches
OPB847 OPTEK-OPB847 Datasheet
299Kb / 2P
   SLOTTED OPTICAL SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com