Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXH010A0S1R0-SR Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # AXH010A0S1R0-SR
Description  Austin LynxTM SMT Non-Isolated dc-dc Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH010A0S1R0-SR Datasheet(HTML) 3 Page - Lineage Power Corporation

  AXH010A0S1R0-SR Datasheet HTML 1Page - Lineage Power Corporation AXH010A0S1R0-SR Datasheet HTML 2Page - Lineage Power Corporation AXH010A0S1R0-SR Datasheet HTML 3Page - Lineage Power Corporation AXH010A0S1R0-SR Datasheet HTML 4Page - Lineage Power Corporation AXH010A0S1R0-SR Datasheet HTML 5Page - Lineage Power Corporation AXH010A0S1R0-SR Datasheet HTML 6Page - Lineage Power Corporation AXH010A0S1R0-SR Datasheet HTML 7Page - Lineage Power Corporation AXH010A0S1R0-SR Datasheet HTML 8Page - Lineage Power Corporation AXH010A0S1R0-SR Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Lineage Power
3
Data Sheet
March 28, 2008
3.0 Vdc - 5.5 Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
Austin LynxTM SMT Non-Isolated dc-dc Power Modules:
Electrical Specifications (continued)
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI =5 Vdc; IO = IO, max, TA = 25 °C)
AXH010A0S0R9-SR
AXH010A0S1R0-SR
AXH010A0P-SR
AXH010A0M-SR
AXH010A0Y-SR
AXH010A0D-SR
AXH010A0G-SR
AXH010A0F-SR
VO,set
VO,set
VO,set
VO,set
VO,set
VO,set
VO,set
VO,set
0.886
0.985
1.182
1.47
1.764
1.97
2.45
3.234
0.9
1.0
1.2
1.5
1.8
2.0
2.5
3.3
0.914
1.015
1.218
1.53
1.836
2.03
2.55
3.366
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Voltage
(Over all operating input voltage, resistive load, and
temperature conditions at steady state until end of life.)
AXH010A0S0R9-SR
AXH010A0S1R0-SR
AXH010A0P-SR
AXH010A0M-SR
AXH010A0Y-SR
AXH010A0D-SR
AXH010A0G-SR
AXH010A0F-SR
VO
VO
VO
VO
VO
VO
VO
VO
0.873
0.970
1.164
1.455
1.746
1.94
2.425
3.2
0.927
1.03
1.236
1.545
1.854
2.06
2.575
3.4
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation:
Line (VI = VI, min to VI, max)
Load (IO = IO, min to IO, max)
Temperature (TA = TA, min to TA, max)
All
All
All
0.2
0.4
0.5
%, VO, set
%, VO, set
%, VO, set
Output Ripple and Noise
Measured across 10 µF Tantalum, 1µF Ceramic,,
RMS (5 Hz to 20 MHz bandwidth)
Peak-to-peak (5 Hz to 20 MHz bandwidth)
All
All
7
25
15
30
mVrms
mVp-p
Output Current
All
IO
0
10
Adc
Output Current-limit Inception
(VO = 90% of VO, set)
All
IO, lim
17
Adc
Output Short-circuit Current (Average)
All
IO, s/c
3
Adc
Efficiency
(VI = VIN, nom; IO = IO, max), TA = 25 °C
AXH010A0S0R9-SR
AXH010A0S1R0-SR
AXH010A0P-SR
AXH010A0M-SR
AXH010A0Y-SR
AXH010A0D-SR
AXH010A0G-SR
AXH010A0F-SR
η
η
η
η
η
η
η
η
83
85
86
88
90
91
92
95
%
%
%
%
%
%
%
%
Switching Frequency
All
fSW
300
kHz
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max TA = 25 °C)
Lineage RIN (Reliability Infomation Notebook) Method
10,240,000
Hours
Weight
5.5(0.19)
6.5(0.23)
g (oz.)


Similar Part No. - AXH010A0S1R0-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH010A0S1R0 LINEAGEPOWER-AXH010A0S1R0 Datasheet
194Kb / 15P
   3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
AXH010A0S1R0 LINEAGEPOWER-AXH010A0S1R0 Datasheet
376Kb / 15P
   Compatible with RoHS EU Directive 200295/EC (-Z Versions)
More results

Similar Description - AXH010A0S1R0-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
Lineage Power Corporati...
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
NSR003A0X LINEAGEPOWER-NSR003A0X_10 Datasheet
482Kb / 20P
   Naos Raptor 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
   Naos Raptor 6A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com