Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AML21CBA2EC Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # AML21CBA2EC
Description  Interactive Catalog Supplements Catalog PDFs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

AML21CBA2EC Datasheet(HTML) 6 Page - Honeywell Accelerometers

  AML21CBA2EC Datasheet HTML 1Page - Honeywell Accelerometers AML21CBA2EC Datasheet HTML 2Page - Honeywell Accelerometers AML21CBA2EC Datasheet HTML 3Page - Honeywell Accelerometers AML21CBA2EC Datasheet HTML 4Page - Honeywell Accelerometers AML21CBA2EC Datasheet HTML 5Page - Honeywell Accelerometers AML21CBA2EC Datasheet HTML 6Page - Honeywell Accelerometers AML21CBA2EC Datasheet HTML 7Page - Honeywell Accelerometers AML21CBA2EC Datasheet HTML 8Page - Honeywell Accelerometers AML21CBA2EC Datasheet HTML 9Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Manual Switches
AML24 Series
Electronic Control Rocker
18
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
INCANDESCENT OR NON-LIGHTED DISPLAY
Rocker operators ordered separately.
FEATURES
Silver or gold contacts.
2 or 3 position operation.
UL recognized, CSA certified.
Lamps can be furnished installed or
ordered separately.
Lamp circuit independent of switch
circuit.
Electrical Data
page 11
Rockers
page 39
Lamps
page 46
Accessories
pages 44/45
Mounting Dimensions
pages 47/50
*
*
*AML24 Series: 1 pole and
2-pole only.
AML24 ORDER GUIDE
AML24 E
B
A
2
AA
01
Housing
Bezel
Incandescent
Terminal
Circuitry
Operating
Type
Color
Lamp Type
Type
Codes
Action
AML24 E
B
A
2
Insert Code
letters as
shown in
Circuitry Chart
Insert Code numbers
from Operating
Action Chart
Rectangular
Black
No Lamp
Installed
B
6 V Lamp*
C
14 V Lamp*
E
28 V Lamp*
.110 × .020
(Solder or
Quick-Connect)
3
.025 × .025
(Printed Ckt.,
or Push-on)
Non-Lighted
AML24 F
Rectangular
1 Lamp Ckt. (A)
AML24 G
Rectangular
2 Lamp Ckts.
1 The ‘‘MICRO SWITCH’’
identification is shown
on this side of the
switch housings.
* Lamps will be installed per each lamp circuit specified in the Housing Type.
Example: AML24EBA2AA01
Rectangular non-lighted rocker switch
housing; black bezel; .110 × .020 termi-
nals; with one circuit ON and one circuit
OFF in each extreme operator position
(maintained).
CIRCUITRY
Silver
Gold
2-Position
3-Position
Contacts Contacts
AA
BA
AC
BC
(Non-illuminated
switches only)
CA
DA
CC
DC
(Non-illuminated
switches only)
OPERATING ACTION
2-Position:
01
Maint.
None
Maint.
02
Mom.
None
Maint.
03
Maint.
None
Mom.
3-Position:
04
Maint.
Maint.
Maint.
05
Mom.
Maint.
Mom.
06
Maint.
Maint.
Mom.
07
Mom.
Maint.
Maint.


Similar Part No. - AML21CBA2EC

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AML2 ALTECH-AML2 Datasheet
349Kb / 1P
   30 mm Non-Illuminated Mushroom with Indicated Arrows AMLx
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
   NPN Epitaxial Planar Silicon Transistor LED Back Light
logo
ON Semiconductor
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
More results

Similar Description - AML21CBA2EC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com