Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AML21CBC3AD Datasheet(PDF) 8 Page - Honeywell Accelerometers

Part # AML21CBC3AD
Description  Interactive Catalog Supplements Catalog PDFs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

AML21CBC3AD Datasheet(HTML) 8 Page - Honeywell Accelerometers

  AML21CBC3AD Datasheet HTML 1Page - Honeywell Accelerometers AML21CBC3AD Datasheet HTML 2Page - Honeywell Accelerometers AML21CBC3AD Datasheet HTML 3Page - Honeywell Accelerometers AML21CBC3AD Datasheet HTML 4Page - Honeywell Accelerometers AML21CBC3AD Datasheet HTML 5Page - Honeywell Accelerometers AML21CBC3AD Datasheet HTML 6Page - Honeywell Accelerometers AML21CBC3AD Datasheet HTML 7Page - Honeywell Accelerometers AML21CBC3AD Datasheet HTML 8Page - Honeywell Accelerometers AML21CBC3AD Datasheet HTML 9Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Manual Switches
AML27 Series
Electronic Control Keylock
20
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
NON-LIGHTED
FEATURES
Enable control of access to computer
peripherals, keyboards, point-of-sale
terminals, and security systems which
are locked when unattended; and
other locations where tampering must
be discouraged.
2 or 3 positions, maintained
(90° throw) and momentary action
(60° throw).
5-bit key combinations
Electrical Data
page 11
Accessories
pages 44/45
Mounting Dimensions
pages 47/50
UL recognized, CSA certified.
Static discharge protection (up to
20 kV when grounded).
AML27 ORDER GUIDE
AML27 A
B
K
2
AA
21
BA
Circuitry Codes
Operation Action
Housing
Bezel
Button
Terminal
(Each pole has
(Key out in center position,
Key
Type
Color
Color
Type
double-throw)
except where noted)
Combinations
AML27 A
B
K
2
Silver Contacts:
(Two Keys
Black
Black
.110 × .020
AA
Furnished)
Square
(Solder or
1 pole
housing
Quick-Connect)
AC
BA
BS
2 pole
BB
BT
Non-Lighted
3
BD
BV
.025 × .025
Gold Contacts:
BE
BW
(Printed
BA
Circuit or
1 pole
Push-On)
BC
2 pole
CCW
Center
CW
21
None
Maint.
Maint.
22*
None
Maint.
Maint.
23
None
Maint.
Mom.
24
Maint.
Maint.
Maint.
25
Mom.
Maint.
Mom.
26**
Maint.
Maint.
Maint.
27***
Mom.
Maint.
Maint.
28***
Maint.
Maint.
Maint.
29†
Maint.
Maint.
Maint.
30†
Maint.
Maint.
Mom.
31††
Maint.
Maint.
Mom.
* Key out in both positions.
** Key out in all three positions.
*** Key out in center and CW
positions.
† Key out in center and
CCW positions.
†† Key out in CCW only.
REPLACEMENT KEYS
One key per listing.
Key
Com-
bination
Key
Code
Catalog
Listing
BA
110
30PA101-AML
BB
109
30PA102-AML
BD
107
30PA104-AML
BE
106
30PA105-AML
BS
117
30PA117-AML
BT
118
30PA118-AML
BV
119
30PA119-AML
BW
120
30PA120-AML
Note: These keys fit the 5-bit keylocks in
the Order Guide.
Specify different Key Combinations to ac-
quire different keys, i.e.;
AML27ABK2AA21BB and
AML27ABK2AA21BE have different keys.
AML27ABK2AA21BB and
AML27ABK3BC25BB have identical inter-
changeable keys.
Example: AML27ABK2AC28BB
Square housing; black bezel and button; .110
× .020 terminals; 2-pole double-throw; silver
contacts; 3-position maintained and key
code ‘‘BB’’.
CIRCUITRY
2-Position Switches:
Key Turned
Normal
to Right
Position*
(CW)
1 Pole
2 Pole
3-Position Switches (Available in 2-pole only.)
Key
Turned
to Left
(CCW)
Normal
Position*
Key
Turned to
Right (CW)
2 Pole
* Circuit remains the same with key in or out.
28 and 29 op-
erating actions
should be used
with Key Com-
binations BA
and BB.


Similar Part No. - AML21CBC3AD

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AML2 ALTECH-AML2 Datasheet
349Kb / 1P
   30 mm Non-Illuminated Mushroom with Indicated Arrows AMLx
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
   NPN Epitaxial Planar Silicon Transistor LED Back Light
logo
ON Semiconductor
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
More results

Similar Description - AML21CBC3AD

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com