Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25320N Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT25320N
Description  SPI Serial EEPROMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320N Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT25320N Datasheet HTML 2Page - ATMEL Corporation AT25320N Datasheet HTML 3Page - ATMEL Corporation AT25320N Datasheet HTML 4Page - ATMEL Corporation AT25320N Datasheet HTML 5Page - ATMEL Corporation AT25320N Datasheet HTML 6Page - ATMEL Corporation AT25320N Datasheet HTML 7Page - ATMEL Corporation AT25320N Datasheet HTML 8Page - ATMEL Corporation AT25320N Datasheet HTML 9Page - ATMEL Corporation AT25320N Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
AT25080/160/320/640
0675M–SEEPR–9/03
Serial Interface
Description
MASTER: The device that generates the serial clock.
SLAVE: Because the Serial Clock pin (SCK) is always an input, the AT25080/160/320/640
always operates as a slave.
TRANSMITTER/RECEIVER: The AT25080/160/320/640 has separate pins designated for
data transmission (SO) and reception (SI).
MSB: The Most Significant Bit (MSB) is the first bit transmitted and received.
SERIAL OP-CODE: After the device is selected with CS going low, the first byte will be
received. This byte contains the op-code that defines the operations to be performed.
INVALID OP-CODE: If an invalid op-code is received, no data will be shifted into the
AT25080/160/320/640, and the serial output pin (SO) will remain in a high impedance state
until the falling edge of CS is detected again. This will reinitialize the serial communication.
CHIP SELECT: The AT25080/160/320/640 is selected when the CS pin is low. When the
device is not selected, data will not be accepted via the SI pin, and the serial output pin (SO)
will remain in a high impedance state.
HO L D : T h e H O LD pi n i s us e d i n c onj unc t i o n wi t h t h e CS pi n t o s e l e c t t h e
AT25080/160/320/640. When the device is selected and a serial sequence is underway,
HOLD can be used to pause the serial communication with the master device without resetting
the serial sequence. To pause, the HOLD pin must be brought low while the SCK pin is low.
To resume serial communication, the HOLD pin is brought high while the SCK pin is low (SCK
may still toggle during HOLD). Inputs to the SI pin will be ignored while the SO pin is in the
high impedance state.
WRITE PROTECT: The write protect pin (WP) will allow normal read/write operations when
held high. When the WP pin is brought low and WPEN bit is “1”, all write operations to the sta-
tus register are inhibited. WP going low while CS is still low will interrupt a write to the status
register. If the internal write cycle has already been initiated, WP going low will have no effect
on any write operation to the status register. The WP pin function is blocked when the WPEN
bit in the status register is “0”. This will allow the user to install the AT25080/160/320/640 in a
system with the WP pin tied to ground and still be able to write to the status register. All WP
pin functions are enabled when the WPEN bit is set to “1”.


Similar Part No. - AT25320N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320N-10SC ATMEL-AT25320N-10SC Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25320N-10SC-1.8 ATMEL-AT25320N-10SC-1.8 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25320N-10SC-2.7 ATMEL-AT25320N-10SC-2.7 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25320N-10SI ATMEL-AT25320N-10SI Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25320N-10SI-1.8 ATMEL-AT25320N-10SI-1.8 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results

Similar Description - AT25320N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com