Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C390-FCR Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS80C390-FCR
Description  Dual CAN High-Speed Microprocessor
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390-FCR Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS80C390-FCR Datasheet HTML 1Page - Dallas Semiconductor DS80C390-FCR Datasheet HTML 2Page - Dallas Semiconductor DS80C390-FCR Datasheet HTML 3Page - Dallas Semiconductor DS80C390-FCR Datasheet HTML 4Page - Dallas Semiconductor DS80C390-FCR Datasheet HTML 5Page - Dallas Semiconductor DS80C390-FCR Datasheet HTML 6Page - Dallas Semiconductor DS80C390-FCR Datasheet HTML 7Page - Dallas Semiconductor DS80C390-FCR Datasheet HTML 8Page - Dallas Semiconductor DS80C390-FCR Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
DS80C390
4 of 58
110199
PIN DESCRIPTION Table 1
LQFP
PLCC
SIGNAL
NAME
DESCRIPTION
8, 22,
40, 56
17, 32,
51, 68
VCC
+5V
9, 25,
41, 57
1, 18,
35, 52
GND
Digital Circuit Ground
46
57
ALE
Address Latch Enable - Output. When the MUX pin is low, this
pin outputs a clock to latch the external address LSB from the
multiplexed address/data bus on Port 0. This signal is commonly
connected to the latch enable of an external transparent latch. ALE
has a pulse width of 1.5 XTAL1 cycles and a period of four
XTAL1 cycles. When the MUX pin is high, the pin will toggle
continuously if the ALEOFF bit is cleared.
ALE is forced high
when the device is in a Reset condition or if the ALEOFF bit is set
while the MUX pin is high.
45
56
PSEN
Program Store Enable - Output. This signal is the chip enable for
external ROM memory. PSEN provides an active low pulse and is
driven high when external ROM is not being accessed.
47
58
EA
External Access Enable - Input. This pin must be tied to GND for
proper operation.
26
36
MUX
Multiplex/Demultiplex Select - Input.
This pin selects if the
address/data
bus
operates
in
multiplexed
( MUX =0)
or
demultiplexed ( MUX =1) mode.
2
11
RST
Reset - Input. The RST input pin contains a Schmitt voltage input
to recognize external active high Reset inputs.
The pin also
employs an internal pulldown resistor to allow for a combination of
wired OR external Reset sources. An RC circuit is not required for
power-up, as the device provides this function internally.
3
12
RSTOL
Reset Output Low- Output. This active low signal will be
asserted:
When the processor has entered reset via the RST pin,
During crystal warm-up period following power-on or Stop mode,
During a watchdog timer reset (2 cycles duration),
During an oscillator failure (if OFDE=1),
Whenever VCC
≤ V
RST
23,
24
33,
34
XTAL2,
XTAL1
XTAL1, XTAL2 - Crystal oscillator pins support fundamental
mode, parallel resonant, AT cut crystals. XTAL1 is the input if an
external clock source is used in place of a crystal. XTAL2 is the
output of the crystal amplifier.
55
54
53
52
51
50
49
48
67
66
65
64
63
62
61
59
AD0 / D0
AD1 / D1
AD2 / D2
AD3 / D3
AD4 / D4
AD5 / D5
AD6 / D6
AD7 / D7
AD0-7 (Port 0) - I/O. When the MUX pin is tied low, Port 0 is the
multiplexed address/data bus. While ALE is high, the LSB of a
memory address is presented. While ALE falls, the port transitions
to a bi-directional data bus. When the MUX pin is tied high, Port 0
functions as the bi-directional data bus. Port 0 cannot be modified
by software. The reset condition of Port 0 pins is high. No pullup
resistors are needed.


Similar Part No. - DS80C390-FCR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C390-FCR MAXIM-DS80C390-FCR Datasheet
2Mb / 52P
   Dual CAN High-Speed Microprocessor
REV: 050115
DS80C390-FCR++ MAXIM-DS80C390-FCR+ Datasheet
2Mb / 52P
   Dual CAN High-Speed Microprocessor
REV: 050115
More results

Similar Description - DS80C390-FCR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C390 MAXIM-DS80C390 Datasheet
2Mb / 52P
   Dual CAN High-Speed Microprocessor
REV: 050115
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390_05 Datasheet
1Mb / 53P
   Dual CAN High-Speed Microprocessor
logo
ON Semiconductor
AMIS-42700 ONSEMI-AMIS-42700 Datasheet
212Kb / 14P
   Dual High Speed CAN Transceiver
January, 2009 ??Rev. 5
AMIS-42770 ONSEMI-AMIS-42770_14 Datasheet
137Kb / 13P
   Dual High Speed CAN Transceiver
November, 2014 ??Rev. 4
AMIS-42770 ONSEMI-AMIS-42770 Datasheet
182Kb / 13P
   Dual High Speed CAN Transceiver
January, 2009 ??Rev. 3
logo
NXP Semiconductors
CM0902 NXP-CM0902 Datasheet
563Kb / 25P
   Dual high-speed CAN transceiver
Rev. 4.0, 8/2016
logo
AMI SEMICONDUCTOR
AMIS-42700 AMI-AMIS-42700 Datasheet
523Kb / 16P
   Dual High-Speed CAN Transceiver
logo
ON Semiconductor
NCV7441 ONSEMI-NCV7441 Datasheet
173Kb / 10P
   Dual High Speed Low Power CAN Transceiver
August, 2011 ??Rev. 0
NCV7446 ONSEMI-NCV7446 Datasheet
192Kb / 13P
   Dual CAN FD Transceiver, High Speed, Low Power
December, 2019 ??Rev. 2
logo
NXP Semiconductors
TJR1448 NXP-TJR1448 Datasheet
384Kb / 37P
   Dual high-speed CAN transceiver with Standby mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com