Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLM120ATF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRLM120ATF
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLM120ATF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRLM120ATF Datasheet HTML 1Page - Fairchild Semiconductor IRLM120ATF Datasheet HTML 2Page - Fairchild Semiconductor IRLM120ATF Datasheet HTML 3Page - Fairchild Semiconductor IRLM120ATF Datasheet HTML 4Page - Fairchild Semiconductor IRLM120ATF Datasheet HTML 5Page - Fairchild Semiconductor IRLM120ATF Datasheet HTML 6Page - Fairchild Semiconductor IRLM120ATF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRLM120A
BV
DSS = 100 V
R
DS(on) = 0.22 Ω
I
D = 2.3 A
100
2.3
1.85
18
±20
105
2.3
0.27
6.5
2.7
0.022
- 55 to +150
300
46.3
--
1
n Avalanche Rugged Technology
n Rugged Gate Oxide Technology
n Lower Input Capacitance
n Improved Gate Charge
n Extended Safe Operating Area
n Lower Leakage Current : 10 µA(Max.) @ V
DS = 100V
n Lower R
DS(ON) : 0.176 Ω (Typ.)
Advanced Power MOSFET
Thermal Resistance
Junction-to-Ambient *
RθJA
o
C/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25
o
C)
Continuous Drain Current (T
C=70
o
C)
Drain Current-Pulsed
(1)
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
(2)
Avalanche Current
(1)
Repetitive Avalanche Energy
(1)
Peak Diode Recovery dv/dt
(3)
Total Power Dissipation (T
C=25
o
C) *
Linear Derating Factor *
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8” from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
I
D
A
V
mJ
A
mJ
V/ns
W
W/
o
C
A
o
C
V
DSS
V
SOT-223
1. Gate 2. Drain 3. Source
2
1
3
P
D
T
J, TSTG
T
L


Similar Part No. - IRLM120ATF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRLM120A FAIRCHILD-IRLM120A Datasheet
229Kb / 7P
   Advanced Power MOSFET
More results

Similar Description - IRLM120ATF

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com